Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7LX1101WBG Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TC7LX1101WBG
Szczegółowy opis  CMOS Digital Integrated Circuits Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7LX1101WBG Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7LX1101WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 8Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 9Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 10Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 11Page - Toshiba Semiconductor TC7LX1101WBG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC7LX1101WBG
8
11.2.3.
11.2.3.
11.2.3.
11.2.3. V
V
V
VCCA
CCA
CCA
CCA
= 1.8
= 1.8
= 1.8
= 1.8 ±
±
±
± 0.15 V
0.15 V
0.15 V
0.15 V
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 2.0 ns)
= 2.0 ns)
= 2.0 ns)
= 2.0 ns)
Characteristics
Propagation delay time
(Bn → An)
3-state output enable time
(OE → An)
3-state output disable time
(OE → An)
Propagation delay time
(An → Bn)
3-state output enable time
(OE → Bn)
3-state output disable time
(OE → Bn)
Output skew
(Note 1)
Symbol
tPLH/tPHL
tPZL/tPZH
tPLZ/tPHZ
tPLH/tPHL
tPZL/tPZH
tPLZ/tPHZ
tosLH/tosHL
Test Condition
Fig. 11.2.1, Fig. 11.2.3,
Table 11.2.2
Fig. 11.2.2, Fig. 11.2.4,
Table 11.2.1, Table 11.2.2
Fig. 11.2.1, Fig. 11.2.3,
Table 11.2.2
Fig. 11.2.2, Fig. 11.2.4,
Table 11.2.1, Table 11.2.2
VCCB (V)
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
Min
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Max
14.4
7.1
5.4
4.1
3.5
126.7
121.7
119.2
115.1
113.3
130.2
131.8
132.1
133.8
129.2
9.3
5.9
5.3
5.1
5.1
128.2
121.5
120.4
119.0
119.5
138.5
112.2
136.7
82.1
153.6
0.5
0.5
0.5
0.5
0.5
Unit
ns
Note 1: Parameter guaranteed by design.
(tosLH = |tPLHm - tPLHn|, tosHL = |tPHLm - tPHLn|)
2011-06-16
Rev.3.0


Podobny numer części - TC7LX1101WBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7LX1102FK TOSHIBA-TC7LX1102FK Datasheet
212Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1102WBG TOSHIBA-TC7LX1102WBG Datasheet
206Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1104WBG TOSHIBA-TC7LX1104WBG Datasheet
210Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1106WBG TOSHIBA-TC7LX1106WBG Datasheet
204Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2012-10-03 Rev.2.0
TC7LX1108WBG TOSHIBA-TC7LX1108WBG Datasheet
212Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
More results

Podobny opis - TC7LX1101WBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com