Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7SG02FE Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC7SG02FE
Szczegółowy opis  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG02FE Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC7SG02FE_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SG02FE_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SG02FE
2009-09-09
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1 to 1.3
VCC
× 0.7
VCC
× 0.7
1.4 to 1.6
VCC
× 0.65
VCC
× 0.65
1.65 to
1.95
VCC
× 0.65
VCC
× 0.65
2.3 to 2.7
1.7
1.7
High-level input
voltage
VIH
3.0 to 3.6
2.0
2.0
V
0.9
GND
GND
1.1 to 1.3
VCC
× 0.3
VCC
× 0.3
1.4 to 1.6
VCC
× 0.35
VCC
× 0.35
1.65 to
1.95
VCC
× 0.35
VCC
× 0.35
2.3 to 2.7
0.7
0.7
Low-level input
voltage
VIL
3.0 to 3.6
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA
1.1 to 1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA
1.4 to 1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65 to
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA
2.3 to 2.7
2.0
2.0
High-level output
voltage
VOH
VIN = VIL
IOH = −8.0 mA
3.0 to 3.6
2.48
2.48
V
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1 to 1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4 to 1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65 to
1.95
0.45
0.45
IOL = 4.0 mA
2.3 to 2.7
0.4
0.4
Low-level output
voltage
VOL
VIN = VIH
or VIL
IOL = 8.0 mA
3.0 to 3.6
0.4
0.4
V
Input leakage current
IIN
VIN = 0 to 5.5V
0 to 3.6
±0.1
±1.0
μA
Power off leakage
current
IOFF
VIN = 0 to 5.5V
VOUT = 0 to3.6V
0
1.0
10.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μΑ


Podobny numer części - TC7SG02FE_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
More results

Podobny opis - TC7SG02FE_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com