Zakładka z wyszukiwarką danych komponentów |
|
TC7SG08FE Arkusz danych(PDF) 2 Page - Toshiba Semiconductor |
|
TC7SG08FE Arkusz danych(HTML) 2 Page - Toshiba Semiconductor |
2 / 6 page TC7SG08FE 2009-09-09 2 IEC Logic Symbol Truth Table A B Y L L L L H L H L L H H H Operating Ranges Characteristics Symbol Rating Unit Supply voltage VCC 0.9 to 3.6 V Input voltage VIN 0 to 5.5 V 0 to 3.6 (Note 4) Output voltage VOUT 0 to VCC (Note 5) V ± 8.0 (Note 6) ± 4.0 (Note 7) ± 3.0 (Note 8) ± 1.7 (Note 9) ± 0.3 (Note 10) Output Current IOH/IOL ± 0.02 (Note 11) mA Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dv 0~10 (Note 12) ns/V Note 4: VCC = 0V Note 5: High or Low state. Note 6: VCC = 3.0 to 3.6 V Note 7: VCC = 2.3 to 2.7 V Note 8: VCC = 1.65 to 1.95 V Note 9: VCC = 1.4 to 1.6 V Note 10: VCC = 1.1 to 1.3 V Note 11: VCC = 0.9 V Note 12: VIN = 0.8 to 2.0 V, VCC = 3.0 V IN A & IN B OUT Y |
Podobny numer części - TC7SG08FE_09 |
|
Podobny opis - TC7SG08FE_09 |