Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3256R Arkusz danych(PDF) 2 Page - Sony Corporation

Numer części CXA3256R
Szczegółowy opis  8-bit 120MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3256R Arkusz danych(HTML) 2 Page - Sony Corporation

  CXA3256R Datasheet HTML 1Page - Sony Corporation CXA3256R Datasheet HTML 2Page - Sony Corporation CXA3256R Datasheet HTML 3Page - Sony Corporation CXA3256R Datasheet HTML 4Page - Sony Corporation CXA3256R Datasheet HTML 5Page - Sony Corporation CXA3256R Datasheet HTML 6Page - Sony Corporation CXA3256R Datasheet HTML 7Page - Sony Corporation CXA3256R Datasheet HTML 8Page - Sony Corporation CXA3256R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
– 2 –
CXA3256R
Absolute Maximum Ratings (Ta = 25°C)
Unit
• Supply voltage
AVCC, DVCC1, DVCC2
–0.5 to +7.0
V
DGND3
–0.5 to +7.0
V
DVEE3
–7.0 to +0.5
V
DGND3 – DVEE3
–0.5 to +7.0
V
• Analog input voltage
VIN
VRT – 2.7 to AVCC
V
• Reference input voltage
VRT
2.7 to AVCC
V
VRB
VIN – 2.7 to AVCC
V
|VRT – VRB|
2.5
V
• Digital input voltage
ECL/PECL input pin
DVEE3 – 0.5 to DGND3 + 0.5
V
TTL input pin
DGND1 – 0.5 to DVCC1 + 0.5
V
SELECT2 pin
DGND1 – 0.5 to DVCC1 + 0.5
V
VOCLP pin
DGND1 – 0.5 to DVCC1 + 0.5
V
VID1 (|∗∗∗/E – ∗∗∗N/E|)
2.7
V
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation PD
1.4
W
(when mounted on a two-layer glass fabric base epoxy board with dimentions of 50mm
× 50mm, 1.6mm thick)
Recommended Operating Conditions
With a single power supply
With dual power supply
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
• Supply voltage
DVCC1, DVCC2, AVCC
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
V
DGND1, DGND2, AGND
–0.05
0
+0.05
–0.05
0
+0.05
V
DGND3
+4.75
+5.0
+5.25
–0.05
0
+0.05
V
DVEE3
–0.05
0
+0.05
–5.5
–5.0
–4.75
V
• Analog input voltage
VIN
VRB
VRT
VRB
VRT
V
• Reference input voltage VRT
+2.9
+4.1
+2.9
+4.1
V
VRB
+1.4
+2.6
+1.4
+2.6
V
|VRT – VRB|
1.5
2.1
1.5
2.1
V
• Digital input voltage
ECL/PECL input pin : VIH DVEE3 + 1.5
DGND3 DVEE3 + 1.5
DGND3
V
: VIL DVEE3 + 1.1
VIH – 0.4 DVEE3 + 1.1
VIH – 0.4
V
TTL input pin
: VIH
2.0
2.0
V
: VIL
0.8
0.8
V
SELECT2 pin
: VIH
DVCC1
DVCC1
V
: VIL
DGND1
DGND1
V
VOCLP pin
DGND1 + 2.4
DVCC1 DGND1 + 2.4
DVCC1
V
VID∗1 (|∗∗∗/E – ∗∗∗N/E|)
0.4
0.8
0.4
0.8
V
• Maximum conversion rate Fc (Straight mode)
100
100
MSPS
(DMUX mode)
120
120
MSPS
• Ambient temperature
Ta
–20
+75
–20
+75
°C
1 VID: Input Voltage Differential
ECL and PECL switching level
VID
VIL (min.)
VIH
VTH (DGND3 – 1.2V)
VIL
VIH (max.)
DGND3


Podobny numer części - CXA3256R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
More results

Podobny opis - CXA3256R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com