Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7WH241FU Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7WH241FU
Szczegółowy opis  Dual Bus Buffer Non Inverted, 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH241FU Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7WH241FU_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH241FU_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH241FU_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH241FU_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH241FU_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH241FU_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH241FU_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WH241FU/FK
2009-09-28
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.3
7.5
1.0
9.0
3.3
± 0.3
50
7.8
11.0
1.0
12.5
15
3.6
5.5
1.0
6.5
Propagation Delay Time
tpLH
tpHL
5.0
± 0.5
50
5.1
7.5
1.0
8.5
ns
15
6.6
10.6
1.0
12.5
3.3
± 0.3
50
9.1
14.1
1.0
16.0
15
4.7
7.3
1.0
8.5
3-State Output
Enable Time
tpZL
tpZH
RL = 1kΩ
5.0
± 0.5
50
6.2
9.3
1.0
10.5
ns
3.3
± 0.3
50
10.3
14.0
1.0
16.0
3-State Output
Disable Time
tpLZ
tpHZ
RL = 1kΩ
5.0
± 0.5
50
6.7
9.2
1.0
10.5
ns
3.3
± 0.3
50
1.5
1.5
Output to Output
Skew
tosLH
tosHL
(Note 2)
5.0
± 0.5
50
1.0
1.0
ns
Input Capacitance
CIN
4
10
10
pF
Output Capacitance
CI/O
6
pF
Power Dissipation
Capacitance
CPD
(Note 3)
17
pF
Note 2: Parameter guaranteed by design.
tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation :
ICC (opr) = CPD・VCC・fIN  ICC/2
Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.5
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.5
−0.8
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit


Podobny numer części - TC7WH241FU_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH241FU TOSHIBA-TC7WH241FU Datasheet
214Kb / 7P
   DUAL BUS BUFFER NON INVERTED, 3-STATE OUTPUTS
More results

Podobny opis - TC7WH241FU_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7WH241FU TOSHIBA-TC7WH241FU Datasheet
214Kb / 7P
   DUAL BUS BUFFER NON INVERTED, 3-STATE OUTPUTS
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC7WH240FU TOSHIBA-TC7WH240FU Datasheet
215Kb / 7P
   DUAL BUS BUFFER INVERTED, 3-STATE OUTPUTS
TC7WH240FK TOSHIBA-TC7WH240FK_09 Datasheet
186Kb / 7P
   Dual Bus Buffer Inverted, 3-State Outputs
logo
STMicroelectronics
74V2G241 STMICROELECTRONICS-74V2G241 Datasheet
105Kb / 9P
   DUAL BUS BUFFER NON INVERTED (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com