Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74AC126F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC74AC126F
Szczegółowy opis  Quad Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC126F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC74AC126F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC126F_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC125P/F/FT,126P/F
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC125P,TC74AC125F,TC74AC125FT
TC74AC126P,TC74AC126F
TC74AC125P/F/FT Quad Bus Buffer
TC74AC126P/F
Quad Bus Buffer
The TC74AC125/126 are advanced high speed CMOS QUAD
BUS BUFFERs fabricated with silicon gate and double-layer
metal wiring C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The TC74AC125 requires the 3-state control input G to be set
high to place the output into the high impedance state, whereas
the TC74AC126 requires the control input to be set low to place
the output into high impedance.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50 Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F125/126
TC74AC125P, TC74AC126P
TC74AC125F, TC74AC126F
TC74AC125FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Podobny numer części - TC74AC126F_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74AC126FN TOSHIBA-TC74AC126FN Datasheet
278Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC126FN TOSHIBA-TC74AC126FN Datasheet
271Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Podobny opis - TC74AC126F_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com