Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3572 Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA3572
Szczegółowy opis  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572 Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA3572 Datasheet HTML 5Page - Sony Corporation CXA3572 Datasheet HTML 6Page - Sony Corporation CXA3572 Datasheet HTML 7Page - Sony Corporation CXA3572 Datasheet HTML 8Page - Sony Corporation CXA3572 Datasheet HTML 9Page - Sony Corporation CXA3572 Datasheet HTML 10Page - Sony Corporation CXA3572 Datasheet HTML 11Page - Sony Corporation CXA3572 Datasheet HTML 12Page - Sony Corporation CXA3572 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
– 9 –
CXA3572R
Setting Conditions for Measuring Electrical Characteristics
Use the Electrical Characteristics Measurement Circuit on page 21 when measuring electrical characteristics.
For measurement, the digital block must be initialized and power saving must be canceled by performing
Settings 1, 2 and 3 below. In addition, the serial data must be set to the initial settings shown in the table below.
Setting 1. System reset
After turning on the power, activate the TG block system reset by setting XCLR (Pin 35) Low.
The serial bus is set to the default values.
Setting 2. Horizontal AFC adjustment
In the condition without sync input, adjust so that the HDO pulse output frequency is
NTSC: 15.734 ± 0.1kHz and PAL: 15.625 ± 0.1kHz.
Setting 3. Canceling power saving mode
The power-on default is power saving mode, so clear (set all “1”) serial data PS0 and SYNC GEN.
VDD
TR
TR > 10µs
XCLR (Pin 35)
System reset


Podobny numer części - CXA3572

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Podobny opis - CXA3572

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com