Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74LCX257FT Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC74LCX257FT
Szczegółowy opis  Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX257FT Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCX257FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX257FT_12 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74LCX257F/FT/FK
2012-02-29
6
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V
GND
2.7 V
1.5 V
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOL
+ 0.3 V
VOH − 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
(
OE )
Output (Y)
Low to Off to Low
Output (Y)
High to Off to High


Podobny numer części - TC74LCX257FT_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LCX257FT TOSHIBA-TC74LCX257FT Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX257FT TOSHIBA-TC74LCX257FT Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
More results

Podobny opis - TC74LCX257FT_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
   Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_12 Datasheet
226Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC7MZ157FK TOSHIBA-TC7MZ157FK_07 Datasheet
187Kb / 8P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_07 Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
   Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
logo
Toshiba Semiconductor
TC7MA257FK TOSHIBA-TC7MA257FK Datasheet
229Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT_07 Datasheet
258Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com