Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74LVX4052F Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74LVX4052F
Szczegółowy opis  8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4052F Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX4052F_08 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TC74LVX4051,4052,4053F/FT/FK
2008-05-01
4
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
VCC
−0.5 to 7.0
Power supply voltage
VCC to VEE
−0.5 to 7.0
V
Control input voltage
VIN
−0.5 to 7.0
V
Switch I/O voltage
VI/O
VEE − 0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
I/O diode current
IIOK
±20
mA
Switch through current
IT
±25
mA
DC VCC or ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
VCC
2 to 6
VEE
−4 to 0
Power supply voltage
VCC to VEE
2 to 6
V
Input voltage
VIN
0 to 6.0
V
Switch I/O voltage
VI/O
VEE to VCC
V
Operating temperature
Topr
−40 to 85
°C
0 to 100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Podobny numer części - TC74LVX4052F_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4052FT TOSHIBA-TC74LVX4052FT Datasheet
167Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4052FT TOSHIBA-TC74LVX4052FT Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
More results

Podobny opis - TC74LVX4052F_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com