Zakładka z wyszukiwarką danych komponentów |
|
TC74VHC02FT Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHC02FT Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 8 page TC74VHC02F/FT/FK 2012-02-29 3 Operating Ranges (Note) Characteristics Symbol Rating Unit Supply voltage VCC 2.0 to 5.5 V Input voltage VIN 0 to 5.5 V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dv 0 to 100 (VCC = 3.3 ± 0.3 V) 0 to 20 (VCC = 5 ± 0.5 V) ns/V Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Electrical Characteristics DC Characteristics Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ― 2.0 3.0 to 5.5 1.50 VCC × 0.7 ― ― ― ― 1.50 VCC × 0.7 ― ― V Low-level input voltage VIL ― 2.0 3.0 to 5.5 ― ― ― ― 0.50 VCC × 0.3 ― ― 0.50 VCC × 0.3 V IOH = −50 μA 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 ― ― ― 1.9 2.9 4.4 ― ― ― High-level output voltage VOH VIN = VIL IOH = −4 mA IOH = −8 mA 3.0 4.5 2.58 3.94 ― ― ― ― 2.48 3.80 ― ― V IOL = 50 μA 2.0 3.0 4.5 ― ― ― 0.0 0.0 0.0 0.1 0.1 0.1 ― ― ― 0.1 0.1 0.1 Low-level output voltage VOL VIN = VIH or VIL IOL = 4 mA IOL = 8 mA 3.0 4.5 ― ― ― ― 0.36 0.36 ― ― 0.44 0.44 V Input leakage current IIN VIN = 5.5 V or GND 0 to 5.5 ― ― ±0.1 ― ±1.0 μA Quiescent supply current ICC VIN = VCC or GND 5.5 ― ― 2.0 ― 20.0 μA |
Podobny numer części - TC74VHC02FT_12 |
|
Podobny opis - TC74VHC02FT_12 |