Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1198 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1198
Szczegółowy opis  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1198 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1198 Datasheet HTML 6Page - Texas Instruments ADS1198 Datasheet HTML 7Page - Texas Instruments ADS1198 Datasheet HTML 8Page - Texas Instruments ADS1198 Datasheet HTML 9Page - Texas Instruments ADS1198 Datasheet HTML 10Page - Texas Instruments ADS1198 Datasheet HTML 11Page - Texas Instruments ADS1198 Datasheet HTML 12Page - Texas Instruments ADS1198 Datasheet HTML 13Page - Texas Instruments ADS1198 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
1
2
3
4
5
6
7
8
H
G
F
E
D
C
B
A
IN8P
IN7P
IN6P
IN5P
IN4P
IN3P
IN2P
IN1P
IN8N
IN7N
IN6N
IN5N
IN4N
IN3N
IN2N
IN1N
RLDIN
RLDOUT
RLDINV
WCT
TESTP_
PACE_OUT1
TESTN_
PACE_OUT2
VCAP4
VREFP
AVDD
AVDD
RLDREF
AVSS
RESV1
RESP_
MODN
RESP_
MODP
VREFN
AVSS
AVSS
AVSS
AVSS
GPIO4
GPIO1
PWDN
VCAP1
AVDD
AVDD
AVDD
DRDY
GPIO3
DAISY_IN
RESET
VCAP2
AVDD1
VCAP3
DGND
DGND
GPIO2
CS
START
DGND
AVSS1
CLKSEL
DVDD
DVDD
DOUT
SCLK
CLK
DIN
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459I
– JANUARY 2010 – REVISED JANUARY 2012
www.ti.com
PIN CONFIGURATIONS
ZXG PACKAGE
BGA-64
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
BGA PIN ASSIGNMENTS
NAME
TERMINAL
FUNCTION
DESCRIPTION
IN8P(1)
1A
Analog input
Differential analog positive input 8 (ADS1298/8R)
IN7P(1)
1B
Analog input
Differential analog positive input 7 (ADS1298/8R)
IN6P(1)
1C
Analog input
Differential analog positive input 6 (ADS1296/8/6R/8R)
IN5P(1)
1D
Analog input
Differential analog positive input 5 (ADS1296/8/6R/8R)
IN4P(1)
1E
Analog input
Differential analog positive input 4
IN3P(1)
1F
Analog input
Differential analog positive input 3
IN2P(1)
1G
Analog input
Differential analog positive input 2
IN1P(1)
1H
Analog input
Differential analog positive input 1
IN8N(1)
2A
Analog input
Differential analog negative input 8 (ADS1298/8R)
IN7N(1)
2B
Analog input
Differential analog negative input 7 (ADS1298/8R)
IN6N(1)
2C
Analog input
Differential analog negative input 6 (ADS1296/8/6R/8R)
IN5N(1)
2D
Analog input
Differential analog negative input 5 (ADS1296/8/6R/8R)
IN4N(1)
2E
Analog input
Differential analog negative input 4
IN3N(1)
2F
Analog input
Differential analog negative input 3
IN2N(1)
2G
Analog input
Differential analog negative input 2
IN1N(1)
2H
Analog input
Differential analog negative input 1
(1)
Connect unused terminals to AVDD.
10
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Podobny numer części - ADS1198

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1198 TI-ADS1198 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI1-ADS1198 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Podobny opis - ADS1198

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com