Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHC132F Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74VHC132F
Szczegółowy opis  Quad 2-Input Schmitt NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC132F Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC132F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC132F_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHC132F/FT/FK
2012-02-29
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Positive threshold
voltage
VP
3.0
4.5
5.5
2.20
3.15
3.85
2.20
3.15
3.85
V
Negative threshold
voltage
VN
3.0
4.5
5.5
0.90
1.35
1.65
0.90
1.35
1.65
V
Hysteresis output
voltage
VH
3.0
4.5
5.5
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.6
11.9
1.0
14.0
3.3 ± 0.3
50
10.1
15.4
1.0
17.5
15
4.9
7.7
1.0
9.0
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
6.4
9.7
1.0
11.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
16
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)


Podobny numer części - TC74VHC132F_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC132FK TOSHIBA-TC74VHC132FK Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132FN TOSHIBA-TC74VHC132FN Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
TC74VHC132FN TOSHIBA-TC74VHC132FN Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132FN TOSHIBA-TC74VHC132FN Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
TC74VHC132FS TOSHIBA-TC74VHC132FS Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results

Podobny opis - TC74VHC132F_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
February 2000
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
March 2002
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com