Zakładka z wyszukiwarką danych komponentów |
|
ADS1296IPAGR Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
ADS1296IPAGR Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 88 page ADS1294, ADS1294R ADS1296, ADS1296R ADS1298, ADS1298R www.ti.com SBAS459I – JANUARY 2010 – REVISED JANUARY 2012 ELECTRICAL CHARACTERISTICS (continued) Minimum/maximum specifications apply for all commercial grade (0 °C to +70°C) devices and from –40°C to +85°C for industrial grades devices. Typical specifications are at +25 °C. All specifications at DVDD = 1.8V, AVDD – AVSS = 3V (1), VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, High-Resolution mode, and gain = 6, unless otherwise noted. ADS1294, ADS1296, ADS1298 ADS1294R, ADS1296R, ADS1298R PARAMETER TEST CONDITIONS MIN TYP MAX UNIT POWER DISSIPATION (Analog Supply = 5V, RLD, WCT, and PACE Amplifiers Turned Off) Quiescent power dissipation High-Resolution mode 17.5 mW ADS1298/8R Low-Power mode 12.5 mW High-Resolution mode 14.1 mW ADS1296/6R Low-Power mode 10 mW High-Resolution mode 10.1 mW ADS1294/4R Low-Power mode 8.3 mW Power-down 20 μW Standby mode 4 mW Quiescent channel power PGA + ADC 1.5 mW TEMPERATURE Specified temperature range 0 +70 °C Operating temperature range 0 +70 °C Specified temperature range –40 +85 °C (industrial grade only) Operating temperature range –40 +85 °C (industrial grade only) Storage temperature range –60 +150 °C THERMAL INFORMATION ADS1294/6/8/ ADS1294/6/8 4R/6R/8R THERMAL METRIC(1) UNITS PAG ZXG 64 PINS 64 PINS θJA Junction-to-ambient thermal resistance 35 48 θJCtop Junction-to-case (top) thermal resistance 31 8 θJB Junction-to-board thermal resistance 26 25 °C/W ψJT Junction-to-top characterization parameter 0.1 0.5 ψJB Junction-to-board characterization parameter — 22 θJCbot Junction-to-case (bottom) thermal resistance — — (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. Copyright © 2010–2012, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R |
Podobny numer części - ADS1296IPAGR |
|
Podobny opis - ADS1296IPAGR |