Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHCT125AF Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC74VHCT125AF
Szczegółowy opis  Quad Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT125AF Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCT125AF_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT125AF_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHCT125,126AF/AFT/AFK
2012-02-29
4
Electrical Characteristics
DC Characteristics
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5 to 5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5 to 5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.40
4.50
4.40
High-level output
voltage
VOH
VIN = VIH or
VIL
IOH = −8 mA
4.5
3.94
3.80
V
IOL = 50 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN = VIH or
VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage
current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
3.8
5.5
1.0
6.5
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
5.3
7.5
1.0
8.5
ns
15
3.6
5.1
1.0
6.0
Output enable time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
5.1
7.1
1.0
8.0
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0 ± 0.5
50
6.1
8.8
1.0
10.0
ns
Output to output skew
tosLH
tosHL
(Note 1) 5.0 ± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
TC74VHCT125A
14
Power dissipation
capacitance
CPD
(Note 2) TC74VHCT126A
15
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)


Podobny numer części - TC74VHCT125AF_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHCT125AFK TOSHIBA-TC74VHCT125AFK Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHCT125AFN TOSHIBA-TC74VHCT125AFN Datasheet
243Kb / 6P
   QUAD BUS BUFFER
TC74VHCT125AFN TOSHIBA-TC74VHCT125AFN Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHCT125AFT TOSHIBA-TC74VHCT125AFT Datasheet
243Kb / 6P
   QUAD BUS BUFFER
TC74VHCT125AFT TOSHIBA-TC74VHCT125AFT Datasheet
254Kb / 10P
   Quad Bus Buffer
More results

Podobny opis - TC74VHCT125AF_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com