Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHCV07FT Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC74VHCV07FT
Szczegółowy opis  Hex Schmitt Buffer (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV07FT Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCV07FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74VHCV07FT/FK
2010-07-09
3
Absolute Maximum Ratings (Note1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to 7.0
(Note 2)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
−50
(Note 3)
mA
DC output current
IOUT
50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in off-state. IOUT absolute maximum rating must be observed (Output in low state)
Note 3: VOUT < GND
Operating Ranges (Note1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
1.8 to 5.5
V
Input voltage
VIN
0 to 5.5
V
output voltage
VOUT
0 to 5.5
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 2 0 (VCC = 3.3 ± 0.3 V)
0 to 1 (VCC = 5 ± 0.5 V)
ms/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Podobny numer części - TC74VHCV07FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHCV05FK TOSHIBA-TC74VHCV05FK Datasheet
186Kb / 8P
   Hex Schmitt Inverter (open drain)
TC74VHCV05FT TOSHIBA-TC74VHCV05FT Datasheet
186Kb / 8P
   Hex Schmitt Inverter (open drain)
More results

Podobny opis - TC74VHCV07FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
   HEX BUFFER OPEN DRAIN
February 1993
M74HC07 STMICROELECTRONICS-M74HC07 Datasheet
227Kb / 10P
   HEX BUFFER OPEN DRAIN
logo
Unisonic Technologies
U74HC07 UTC-U74HC07 Datasheet
182Kb / 5P
   HEX BUFFER (OPEN DRAIN)
logo
Toshiba Semiconductor
TC74VHCV05FT TOSHIBA-TC74VHCV05FT Datasheet
186Kb / 8P
   Hex Schmitt Inverter (open drain)
TC74HC07AP TOSHIBA-TC74HC07AP Datasheet
220Kb / 5P
   HEX BUFFER (OPEN DRAIN)
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
logo
NXP Semiconductors
74LVC07APW-T NXP-74LVC07APW-T Datasheet
160Kb / 14P
   Hex buffer with open-drain outputs
Rev. 5-27 October 2011
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
   Hex buffer with open-drain outputs
2000 Mar 07
logo
Nexperia B.V. All right...
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
   Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com