Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHCV240FK Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC74VHCV240FK
Szczegółowy opis  Octal Schmitt Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV240FK Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TC74VHCV240FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV240FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC74VHCV240,244FT/FK
2010-07-09
6
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
3.3
5.0
0.45
0.9
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
3.3
5.0
0.1
0.3
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V


Podobny numer części - TC74VHCV240FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHCV245FK TOSHIBA-TC74VHCV245FK Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
More results

Podobny opis - TC74VHCV240FK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com