Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29038IROZ-T7 Arkusz danych(PDF) 5 Page - Xicor Inc.

Numer części ISL29038IROZ-T7
Szczegółowy opis  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XICOR [Xicor Inc.]
Strona internetowa  http://www.xicor.com
Logo XICOR - Xicor Inc.

ISL29038IROZ-T7 Arkusz danych(HTML) 5 Page - Xicor Inc.

  ISL29038IROZ-T7 Datasheet HTML 1Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 2Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 3Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 4Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 5Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 6Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 7Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 8Page - Xicor Inc. ISL29038IROZ-T7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL29038
5
FN7851.0
October 12, 2012
tR
Rise Time of both SDA and SCL Signals
(Note 11)
20 + 0.1xCb
ns
tF
Fall Time of both SDA and SCL Signals
(Note 11)
20 + 0.1xCb
ns
tSU:STO
Set-up Time for STOP Condition
600
ns
tBUF
Bus Free Time Between a STOP and START Condition
1300
ns
Cb
Capacitive Load for Each Bus Line
400
pF
Rpull-up
SDA and SCL System Bus Pull-Up Resistor
Maximum determined by tR and tF
1kΩ
tVD;DAT
Data Valid Time
0.9
µs
tVD:ACK
Data Valid Acknowledge Time
0.9
µs
VnL
Noise Margin at the LOW Level
0.1VDD
V
VnH
Noise Margin at the HIGH Level
0.2VDD
V
NOTES:
7. Cover glass assumes fixed infrared/visible light transmissivity ratio of 10.
8. The LED light source irradiance is calibrated to produce the same ALS count as a fluorescent light source of the same Lux level.
9. An 850nm infrared LED is used in production test for proximity/IR sensitivity testing.
10. All parameters in I2C Electrical Specifications table are guaranteed by design and simulation.
11. Cb is the capacitance of the bus in pF.
I2C Electrical Specifications
For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance (Note 10). (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE 4. I2C TIMING DIAGRAM


Podobny numer części - ISL29038IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
logo
Renesas Technology Corp
ISL29038IROZ-T7 RENESAS-ISL29038IROZ-T7 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Podobny opis - ISL29038IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com