Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP-4735SEE-1 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części TIP-4735SEE-1
Szczegółowy opis  14" Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-4735SEE-1 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  TIP-4735SEE-1_10 Datasheet HTML 1Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 2Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 3Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 4Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 5Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 6Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: displays@vishay.com
Document Number: 37078
4
Revision: 14-Jan-10
TIP-4735SEE-1
Vishay Dale
14" Infrared Touch Panel
COMMAND/RESPONSE DESCRIPTION
DC1, CtI Q, XON software handshaking (11)
DC3, CtI S, XOFF software handshaking (13)
RS-232 flow control is provided by these commands.
Note
• A shunt must be placed on (softhand) to allow software
handshaking.
Absence
of
a
shunt
requires
hardware
handshaking. (See also enable touch panel command)
Enable touch panel (1) (26)
Disable touch panel (stop scanning) (27)
The touch panel must be enabled for normal operation.
When the touch panel is disabled, commands are
processed as they are received, allowing changes in modes
of operation, but discarding any report operations. This
differs from XON/XOFF software handshaking. When the
touch panel receives an XOFF character (13), commands
are executed until the touch panel requires transmission of
a report, then all commands received are buffered and are
not executed until an XON character is received. If the buffer
becomes full, the touch panel sends XOFF.
Enable continuous/disable tracking mode (24)
Disable continuous and tracking mode (1) (25)
This coordinate reporting mode will continuously report the
coordinates of a stylus that remains in the touch panel. This
mode can be used individually or in combination with enter
point, or exit modes. The following report format is used. If
more
than
one
stylus
enters
the
touch
panel,
a
non-contiguous report will be generated.
41 = start of coordinate report
xx yy = binary X and Y,
≥ 0, X, Y = FE if non-contiguous
Enable enter point mode (22)
Disable enter point mode (1) (23)
This coordinate reporting mode will report the coordinates
of the point where a stylus is entered into the touch panel.
This mode can be used individually or in combination with
exit point, continuous, or tracking modes. The following
report format is used. If more than one stylus enters the
touch panel, a non-contiguous report will be generated.
42 = start of enter report
xx yy = binary X and Y,
≥ 0, X, Y = FE if non-contiguous
Enable exit point mode (20)
Disable exit point mode (1) (21)
This coordinate reporting mode will report the coordinate of
the point where a stylus is removed from the touch panel.
This mode can be used individually or in combination with
enter point, continuous, or tracking modes. The following
report format is used. If more than one stylus enters the
touch panel, a non-contiguous report will be generated.
43 = start of exit report
xx yy = binary X and Y,
≥ 0, X, Y = FE if non-contiguous
Enable tracking/disable continuous mode (34)
This coordinate reporting mode will report the coordinates
of a stylus that remains in the touch panel, but only as the
stylus changes locations. This mode can be used
individually or in combination with enter point, or exit
modes. The following report format is used. If more than one
stylus enters the touch panel, a non-contiguous report will
be generated.
4E = start of coordinates report
xx yy = binary X and Y,
≥ 0, X, Y = FE if non-contiguous
Enable automatic reporting (29)
Disable automatic reporting (scan but no report) (1) (2A)
Request one coordinate report (2B)
When automatic reporting is enabled, coordinate reports are
reported to the host as soon as they become available. After
issuing the enable automatic reporting command, there may
be a report in the internal buffer which is not current. If a
sufficient amount of time has passed to allow this condition,
the first coordinate report returned should be ignored.
When automatic reporting is disabled, no coordinate reports
are reported unless requested with request one coordinate
report. If a stylus is entered into the touch panel after
automatic reporting is disabled, a coordinate report will be
generated and saved in an internal buffer (depending upon
coordinate reporting modes in effect) but will not be
transmitted until a request one coordinate report command
is received.
If no coordinate report is available in the internal buffer, the
touch panel will return a code 48 and continue to scan until
a stylus is detected. However, no coordinate report will be
reported until automatic reporting is enabled or the report is
requested with request one coordinate report.
Coordinate reports are reported with the following format:
Report type = 41, 42, 43, or 4E
xx yy = binary X and Y,
≥ 0, X, Y = FE if non-contiguous
Enable Beeper (2D)
Disable Beeper (1) (2E)
Enabling the beeper sends a logic 0 (active state) to pin 2 of
J4 depending on which of the coordinate reporting modes
are enabled. If the enter mode is enabled, a pulse is sent for
every entry point. If the exit mode is enabled, a pulse is sent
for every exit point. If both modes are enabled, a pulse is
sent for every entry and exit point. Continuous and tracking
modes have no beeper outputs.
Sound beeper, tt = duration (00 to FF) (2Ftt)
This command sends a logic 0 (active state) to pin 2 of J4.
The duration of the beep can be controlled in 10 ms
increments from 0 ms (00) to 2.55 s (FF).
Note
• 2C may not be used as an argument as it will cause a reset.


Podobny numer części - TIP-4735SEE-1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com