Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9645BCPZ-125 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9645BCPZ-125
Szczegółowy opis  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9645BCPZ-125 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9645BCPZ-125 Datasheet HTML 1Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 2Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 3Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9645BCPZ-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD9645
Rev. 0 | Page 5 of 36
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 3.
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
0.2
3.6
V p-p
Input Voltage Range
Full
AGND − 0.2
AVDD + 0.2
V
Input Common-Mode Voltage
Full
0.9
V
Input Resistance (Differential)
25°C
15
kΩ
Input Capacitance
25°C
4
pF
LOGIC INPUT (SCLK/DFS)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (SDIO/PDWN)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
5
pF
LOGIC OUTPUT (SDIO/PDWN)3
Logic 1 Voltage (I
OH = 800 μA)
Full
1.79
V
Logic 0 Voltage (I
OL = 50 μA)
Full
0.05
V
DIGITAL OUTPUTS (D0x±, D1x±), ANSI-644
Logic Compliance
LVDS
Differential Output Voltage Magnitude (V
OD)
Full
290
345
400
mV
Output Offset Voltage (V
OS)
Full
1.15
1.25
1.35
V
Output Coding (Default)
Twos complement
DIGITAL OUTPUTS (D0x±, D1x±), LOW POWER,
REDUCED SIGNAL OPTION
Logic Compliance
LVDS
Differential Output Voltage Magnitude (V
OD)
Full
160
200
230
mV
Output Offset Voltage (V
OS)
Full
1.15
1.25
1.35
V
Output Coding (Default)
Twos complement
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Specified for LVDS and LVPECL only.
3 Specified for 13 SDIO/PDWN pins sharing the same connection.


Podobny numer części - AD9645BCPZ-125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9640 AD-AD9640 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
AD9640-125EBZ AD-AD9640-125EBZ Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results

Podobny opis - AD9645BCPZ-125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com