Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN156L6X Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN156L6X
Szczegółowy opis  Low Voltage Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN156L6X Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN156L6X Datasheet HTML 1Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 2Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 3Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 4Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 5Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 6Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 7Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 8Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2011
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN156 • Rev. 1.0.0
FAN156
Low Voltage Comparator
Features
Low Supply Current: IDD 6μA (Typical)
Single Power Supply Operation
Wide Common-Mode Input Voltage Range
Push-Pull Output Circuit
Low Input Bias Current
Internal Hysteresis
Packaged in MicroPak™ 6
Applications
Mobile Phones
Alarm and Security Systems
Personal Digital Assistants
Description
The FAN156 is a low-power single comparator that
typically consumes less than 10µA of supply current. It
is guaranteed to operate at a low voltage of 1.6V and is
fully operational up to 5.5V, making it convenient for use
in 1.8, 3.0V, and 5.0V systems.
The FAN156 has a complementary push-pull P- and N-
channel output stage capable of driving a rail-to-rail
output swing with a load ranging up to 5.0mA.
Figure 1. Functional Diagram
Ordering Information
Part Number
Top
Mark
Operating Temperature
Range
Package
Packing Method
FAN156L6X
CN
-40 to 85°C
6-Lead, MicroPak™, 1x1mm Wide
5000 Units on
Tape and Reel


Podobny numer części - FAN156L6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN156L6X ONSEMI-FAN156L6X Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results

Podobny opis - FAN156L6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
   Low Voltage Comparator
October, 2009 ??Rev. 1
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com