Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC62D748CFG Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TC62D748CFG
Szczegółowy opis  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D748CFG Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TC62D748CFG Datasheet HTML 2Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 3Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 4Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 5Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 6Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 7Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 8Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 9Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TC62D748CFG
2011-12-14
6
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating (Note1)
Unit
Supply
volt age
VDD
0.3 to 6.0
V
Outpu t
curr ent
IOUT
95
mA
Logic
in put
volt age
VIN
0.3 to VDD + 0.3 (Note2)
V
Outpu t
vo lt age
VOUT
0.3 to 17
V
Operating
temperature
Topr
40 to 85
°C
S t orage
temperat ure
Tstg
55 to 150
°C
Ther mal
resist ance
Rth(j-a)
94 (Note3)
°C/W
Pow e r
di ss ip a t ion
PD
1.32 (Note3, 4)
W
Note1: Voltage is ground referenced.
Note2: Do not exceed 6.0V.
Note3: PCB condition 76.2 x 114.3 x 1.6 mm, Cu 30% (SEMI conforming)
Note4: The power dissipation decreases the reciprocal of the saturated thermal resistance (1/ Rth(j-a)) for each
degree (1°C) that the ambient temperature is exceeded (Ta = 25°C).
Operating Conditions
DC Items (Unless otherwise specified, VDD = 3.0 to 5.5 V, Ta = −40°C to 85°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
Supply
volt age
VDD
3.0
5.5
V
High level logic input voltage
VIH
Test terminal are SIN,SCK, SLAT , OE
0.7
×
VDD
VDD
V
Low le ve l lo gi c inp u t vo l t age
VIL
Test terminal are SIN,SCK, SLAT , OE
GND
0.3
×
VDD
V
High level SOUT output current
IOH
1
mA
Low level SOUT output current
IOL
1
mA
Const a nt curre nt ou tput
IOUT
Test terminal is OUTn
1.5
90
mA
AC Items (Unless otherwise specified, VDD = 3.0 to 5.5 V, Ta = −40°C to 85°C)
Characteristics
Symbol
Test
Circuits
Test Conditions
Min
Typ.
Max
Unit
Serial data tr ansfer freque ncy
fSCK
6
25
MHz
tHOLD1
6
5
ns
Serial
da t a
Hold
t i me
tHOLD2
6
5
ns
tSETUP1
6
5
ns
Se rial
da t a Se tu p t i me
tSETUP2
6
5
ns
Maximum clock rise t i me
tr
6
(Note1)
500
ns
Maximum clock fa ll t i me
tf
6
(Note1)
500
ns
Note1: If the device is connected in a cascade and the tr/tf of the clock waveform increases due to deceleration of the clock
waveform,it may not be possible to achieve the timing required for data transfer. Please keep these timing conditions in mind
when designing your application.


Podobny numer części - TC62D748CFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D748CFG MARKTECH-TC62D748CFG Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
More results

Podobny opis - TC62D748CFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com