Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4142K Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TPD4142K
Szczegółowy opis  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4142K Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TPD4142K Datasheet HTML 1Page - Toshiba Semiconductor TPD4142K Datasheet HTML 2Page - Toshiba Semiconductor TPD4142K Datasheet HTML 3Page - Toshiba Semiconductor TPD4142K Datasheet HTML 4Page - Toshiba Semiconductor TPD4142K Datasheet HTML 5Page - Toshiba Semiconductor TPD4142K Datasheet HTML 6Page - Toshiba Semiconductor TPD4142K Datasheet HTML 7Page - Toshiba Semiconductor TPD4142K Datasheet HTML 8Page - Toshiba Semiconductor TPD4142K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPD4142K
2012-02-09
1
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K
The TPD4142K is a DC brushless motor driver using
high-voltage PWM control. It is fabricated using a high-voltage
SOI process. The device contains PWM circuit, 3-phase decode
circuit, level shift high-side driver, low-side driver, IGBT outputs,
FRDs, over-current and under-voltage protection circuits, and a
thermal shutdown circuit. It is easy to control a DC brush less
motor by applying a signal from a motor controller and a Hall
amp/ Hall IC to the TPD4142K.
Features
• High voltage power side and low voltage signal side terminal
are separated.
• Bootstrap circuits give simple high-side supply.
• Bootstrap diodes are built in.
• PWM and 3-phase decode circuit are built in.
• Outputs Rotation pulse signals.
• 3-phase bridge output using IGBTs.
• FRDs are built in.
• Included over-current and under-voltage protection, and thermal shutdown.
• Package: 26-pin DIP.
• Compatible with Hall amp input and Hall IC input.
This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product, ensure
that the environment is protected against electrostatic discharge.
HDIP26-P-1332-2.00
Weight: 3.8 g (typ.)


Podobny numer części - TPD4142K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPD4144AK TOSHIBA-TPD4144AK Datasheet
377Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Podobny opis - TPD4142K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com