Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2004AFWG Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części ULN2004AFWG
Szczegółowy opis  7-ch Darlington Sink Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

ULN2004AFWG Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  ULN2004AFWG Datasheet HTML 1Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 2Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 3Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 4Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 5Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 6Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 7Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 8Page - Toshiba Semiconductor ULN2004AFWG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ULN2003,04APG/AFWG
2010-12-03
3
Recommended Operating Conditions (Ta = −40 to 85°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
Duty
= 10%
0
350
APG
Duty
= 50%
0
100
Duty
= 10%
0
300
Output current
AFWG
IOUT
tpw = 25 ms
7 Circuits
Ta
= 85°C
Tj = 120°C
Duty
= 50%
0
90
mA/ch
Input voltage
VIN
0
24
V
ULN2003A
2.8
24
Input voltage
(output on)
ULN2004A
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
24
V
ULN2003A
0
0.7
Input voltage
(output off)
ULN2004A
VIN (OFF)
0
1.0
V
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
350
mA
APG
Ta
= 85°C
0.76
Power dissipation
AFWG
PD
Ta
= 85°C
(Note)
0.65
W
Note: On PCB (Test Board: JEDEC 2s2p)


Podobny numer części - ULN2004AFWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
ULN2004AFW TOSHIBA-ULN2004AFW Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
More results

Podobny opis - ULN2004AFWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Unisonic Technologies
ULN202L05 UTC-ULN202L05 Datasheet
186Kb / 5P
   4-CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
TD62386APG TOSHIBA-TD62386APG Datasheet
608Kb / 11P
   8 Ch Low Input Active Darlington Sink Driver
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com