Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS78M24CP Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS78M24CP
Szczegółowy opis  3-Terminal 500mA Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M24CP Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78M24CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M24CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS78M00 Series
3-Terminal 500mA Positive Voltage Regulator
1/8
Version: C12
TO-252
(DPAK)
General Description
The TS78M00 Series positive voltage regulators are identical to the popular TS7800 Series devices, except that
they are specified for only half the output current. Like the TS7800 devices, the TS78M00 Series 3-Terminal
regulators are intended for local, on-card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor
combine to make these devices remarkably rugged under most operating conditions. Maximum output current with
adequate heatsink is 500mA
Features
Output Voltage Range 5 to 24V
Output current up to 500mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Standard Application Circuit
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Ordering Information
Part No.
Package
Packing
TS78MxxCP RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denote voltage option, available are:
05=5V, 08=9V, 09=9V, 12=12V, 15=15V,
18=18V, 24=24V
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN*
35
V
Input Voltage
VIN**
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
JC
10
oC/W
Thermal Resistance - Junction to Ambient
JA
100
oC/W
Note: * TS78M05 to TS78M18
** TS78M24
*** Follow the derating curve
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Podobny numer części - TS78M24CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS78M24CP ETC-TS78M24CP Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
More results

Podobny opis - TS78M24CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com