Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5215CX533 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS5215CX533
Szczegółowy opis  300mA Low Noise LDO Voltage Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CX533 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS5215CX533 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS5215
300mA Low Noise LDO
Voltage Regulator with Enable
5/9
Version: B07
Application Information (Continue)
Dual Supply Operation
When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must
be diode clamped to ground.
Thermal Characteristics
TS5215 series is designed to provide 300mA (5V version) of continuous current in a very small package. Maximum
power dissipation can be calculated based on the output current and the voltage drop across the part. To determine
the maximum power dissipation of the package, use the junction-ambient thermal resistance of the device and the
following basic equation:
PD(MAX) = [ TJ(MAX) – TA ] /ΘJA
TJ(MAX) is the maximum junction temperature of the die(125
oC), and Ta is the ambient operating temperature. ΘJA is
layout dependent, the actual power dissipation of the regulator circuit can be determined using the equation:
PD = (VIN – VOUT) * IOUT + VIN * IGND
Substituting Pd(max) for Pd and solving for the operating conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For example, when operating the TS5215CX33 at room
temperature with a minimum footprint layout, the maximum input voltage for a set output current can be determined
as follows:
PD(MAX) = (125
oC – 25oC) / 220oC/W
PD(MAX) = 455mW
The junction to ambient thermal resistance for the minimum footprint is 220
oC/W, the maximum power dissipation
must not be exceeded for proper operation. Using the output voltage of 3.3V and an output current of 120mA, the
maximum input voltage can be determined. From the electrical characteristics table, the maximum ground current for
120mA output current is 2.5mA.
445mW = (VIN – 3.3V ) * 300mA + VIN * 2.5mA
445mW = VIN * 300mA – 3.3 * 300mA + VIN * 2.5mA
445mW = VIN * 300mA – 990mW + VIN * 2.5mA
1435mW = VIN * 302.5mA
VIN (max) = 4.74V
Therefore, a 3.3V application at 300mA of output current can accept a maximum input voltage of 4.74V in a SOT-25
package.
Fixed Output Regulator Design
Ultra Low Noise Fixed Voltage Application
Includes a 470pF capacitor for low noise operation and
shows EN connected to IN for an application where
enable/shutdown is not required. COUT= 2.2uF minimum.
Low Noise Fixed Voltage Application
An example of a low noise configuration where
bypass is not required. COUT= 2.2uF minimum
VOUT
VIN
EN
on
off
COUT
2.2uF
TS5215CX5xx
VIN
VOUT
COUT
2.2uF
CBYP
470pF
TS5215CX5xx


Podobny numer części - TS5215CX533

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS5215CX5 TSC-TS5215CX5 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX5RF TSC-TS5215CX5RF Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results

Podobny opis - TS5215CX533

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS50 TSC-TS5215CS50 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY525 TSC-TS5215CY525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_08 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com