Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS7806CI Arkusz danych(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Numer części TS7806CI
Szczegółowy opis  3-Terminal Fixed Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7806CI Arkusz danych(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS7806CI Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS7806CI Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
6/10
Version: D12
TS7824 Electrical Characteristics
Vin=33V, Iout=500mA, 0
oC
≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage
Vout
Tj=25
oC
23.07
24
24.96
V
27V
≤Vin≤38V, 10mA≤Iout≤1A,
PD
≤15W
22.85
24
25.20
Line Regulation
REGline
Tj=25
oC
27V
≤Vin≤38V
--
18
480
mV
28V
≤Vin≤32V
--
6
240
Load Regulation
REGload
Tj=25
oC
10mA
≤Iout≤1A
--
12
480
250mA
≤Iout≤750mA
--
4
240
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.6
8
mA
Quiescent Current Change
∆Iq
27V
≤Vin≤38V
--
--
1
10mA
≤Iout≤1A
--
--
0.5
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
170
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 27V
≤Vin≤37V
54
70
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
28
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
150
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC
≤Tj≤125oC
--
-1.5
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Podobny numer części - TS7806CI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS7806CZ TSC-TS7806CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results

Podobny opis - TS7806CI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com