Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA510F Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STA510F
Szczegółowy opis  44-V, 5.5-A, quad power half-bridge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button STA510F_11 Datasheet HTML 2Page - STMicroelectronics STA510F_11 Datasheet HTML 3Page - STMicroelectronics STA510F_11 Datasheet HTML 4Page - STMicroelectronics STA510F_11 Datasheet HTML 5Page - STMicroelectronics STA510F_11 Datasheet HTML 6Page - STMicroelectronics STA510F_11 Datasheet HTML 7Page - STMicroelectronics STA510F_11 Datasheet HTML 8Page - STMicroelectronics STA510F_11 Datasheet HTML 9Page - STMicroelectronics STA510F_11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical specifications
STA510F
6/11
Doc ID 14268 Rev 3
Figure 3.
Test circuit for low current deadtime
Figure 4.
Test circuit for high current deadtime
Table 7.
Vlow, Vhigh threshold variation with VL
VL
VLow max
VHigh min
Unit
2.7
0.7
1.5
V
3.3
0.8
1.7
V
5
0.85
1.85
V
Table 8.
Logic truth table
TRI-STATE
INxA
INxB
Q1
Q2
Q3
Q4
Output mode
0
xxOFF
OFF
OFF
OFF
Hi-Z
1
00OFF
OFF
ON
ON
DUMP
1
0
1
OFF
ON
ON
OFF
NEGATIVE
1
1
0
ONOFF
OFF
ONPOSITIVE
1
1
1
ON
ON
OFF
OFF
Not used
Low current dead time = MAX(DTr,DTf)
OUTxY
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
DTf
DTr
Duty cycle = 50%
INxY
OUTxY
gnd
+Vcc
M58
M57
R 8
Ω
+
-
V67 =
vdc = Vcc/2
D03AU1458
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Ω
Q2
OUTxB
DTout(B)
DTin(B)
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout=4.5A
Iout=4.5A
Q4
Q1
Q3
M64
INxB
M63
D00AU1162
M58
INxA
M57
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of 4.5A in the direction shown in figure
L68 22
μ
L67 22
μ
OUTxA


Podobny numer części - STA510F_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
More results

Podobny opis - STA510F_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
   44-volt, 5.5-amp, quad power half bridge
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com