Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK681-332-E-D Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części STK681-332-E-D
Szczegółowy opis  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-332-E-D Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button STK681-332-E-D Datasheet HTML 5Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 6Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 7Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 8Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 9Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 10Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 11Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 12Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STK681-332-E
No. A1591-9/14
Technical Information
1.Configuration of each pins <Configuration of the IN1, IN2, and ENABLE input pins>
Input pins: 16, 17, 18 pin
The input pins of this driver all use Schmitt input. Typical specifications at Tc=25
°C are given below. Hysteresis
voltage is 0.3V (VIHa-VILa).
Input voltage specifications are as follows.
VIH=2.5V min
VIL=0.8V max
<Configuration of the FAULT input pin>
<Configuration of the Vref input pin>
5V
VSS
10k
Ω
100k
Ω
VIHa
When rising
When falling
1.5V typ
VILa
1.8V typ
Input voltage
5V
VSS
Output pin
Pin 16
Vref/4.9
VSS
Amplifier
Pin 19
To 1, 2, 3 pins
VDD
PWM control
To MOSFET
gate


Podobny numer części - STK681-332-E-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
   Thick-Film Hybrid IC Forward/Reverse Motor Driver
STK681-332-E SANYO-STK681-332-E Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-332-E ONSEMI-STK681-332-E Datasheet
162Kb / 14P
   Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E_11 Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
More results

Podobny opis - STK681-332-E-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com