Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS20H100C Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STPS20H100C
Szczegółowy opis  100 V power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100C Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STPS20H100C_11 Datasheet HTML 3Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 4Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 5Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 6Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 7Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 8Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 9Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 10Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS20H100C
10/11
Doc ID 5386 Rev 7
3
Ordering information
4
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS20H100CT
STPS20H100CT
TO-220AB
2.20 g
50
Tube
STPS20H100CT-H
STPS20H100CT
TO-220AB
2.20 g
50
Tube
STPS20H100CFP
STPS20H100CFP
TO-220FPAB
2.0 g
50
Tube
STPS20H100CR
STPS20H100CR
I2PAK
1.49 g
50
Tube
STPS20H100CR-H
STPS20H100CR
I2PAK
1.49 g
50
Tube
STPS20H100CG
STPS20H100CG
D2PAK
1.48 g
50
Tube
STPS20H100CG-TR
STPS20H100CG
D2PAK
1.48 g
1000
Tape and reel
Table 10.
Document revision history
Date
Revision
Changes
Jul-2003
4G
Previous release.
21-Mar-2007
5
Removed ISOWATT package.
10-Sep-2007
6
Reformatted cover page to current standards - no
technical changes. Updated dimensions A1, b, b1, c, c2,
L, and L1 in Table 8.
22-Sep-2011
7
Updated Table 8.


Podobny numer części - STPS20H100C_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS20H100C-Y STMICROELECTRONICS-STPS20H100C-Y Datasheet
210Kb / 8P
   Automotive power Schottky rectifier
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
87Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
165Kb / 11P
   High voltage power Schottky rectifier
More results

Podobny opis - STPS20H100C_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
   100 V, 2 A power Schottky rectifier
October 2019
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
   5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
   100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
   Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com