Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS20150C Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STPS20150C
Szczegółowy opis  High voltage power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20150C Arkusz danych(HTML) 1 Page - STMicroelectronics

  STPS20150C Datasheet HTML 1Page - STMicroelectronics STPS20150C Datasheet HTML 2Page - STMicroelectronics STPS20150C Datasheet HTML 3Page - STMicroelectronics STPS20150C Datasheet HTML 4Page - STMicroelectronics STPS20150C Datasheet HTML 5Page - STMicroelectronics STPS20150C Datasheet HTML 6Page - STMicroelectronics STPS20150C Datasheet HTML 7Page - STMicroelectronics STPS20150C Datasheet HTML 8Page - STMicroelectronics STPS20150C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2011
Doc ID 7756 Rev 9
1/10
10
STPS20150C
High voltage power Schottky rectifier
Features
HIgh junction temperature capability
Good trade off between leakage current and
forward voltage drop
Low leakage current
Avalanche capability specified
Insulated package TO-220FPAB:
– Insulating voltage = 2000 V
– Typical package capacitance 12 pF
Description
Dual center tap Schottky rectifier designed for
high frequency Switched Mode Power Supplies.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
150 V
Tj
175 °C
VF(max)
0.75 V
A1
A2
K
K
K
A1
A2
K
A2
A1
A1
K
A2
A1
A2
K
D2PAK
STPS20150CG
I2PAK
STPS20150CR
STPS20150CR-H
TO-220FPAB
STPS20150CFP
TO-220AB
STPS20150CT
STPS20150CT-H
www.st.com


Podobny numer części - STPS20150C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS20150C STMICROELECTRONICS-STPS20150C Datasheet
109Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20150CFP STMICROELECTRONICS-STPS20150CFP Datasheet
109Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20150CG STMICROELECTRONICS-STPS20150CG Datasheet
109Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS20150CG ISC-STPS20150CG Datasheet
273Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS20150CR STMICROELECTRONICS-STPS20150CR Datasheet
109Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Podobny opis - STPS20150C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com