Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS7003 Arkusz danych(PDF) 3 Page - Touchstone Semiconductor Inc

Numer części TS7003
Szczegółowy opis  A 300ksps, Single-supply, 12-Bit Serial-output ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS7003 Arkusz danych(HTML) 3 Page - Touchstone Semiconductor Inc

  TS7003 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS7003 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TS7003
TS7003DS r1p0
Page 3
RTFDS
ELECTRICAL SPECIFICATIONS
VDD = +2.7V to +3.6V; fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle, 300ksps; 4.7μF capacitor at
REF; TA = -40ºC to +85ºC, unless otherwise noted. Typical values apply at TA = +25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (See Note 1)
Resolution
12
Bits
Relative Accuracy
INL
See Note 2
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1.0
LSB
Offset Error
ZE
±6.0
LSB
Gain Error
GE
See Note 3
±6.0
LSB
Gain-Error Temperature Coefficient
TCGE
±1.6
ppm/°C
DYNAMIC SPECIFICATIONS (fIN = 75kHz sine wave, 2.5VPP, fSAMPLE = 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise
Plus Distortion Ratio
SINAD
70
dB
Total Harmonic Distortion
THD
Including the 5th harmonic
-80
dB
Spurious-Free Dynamic Range
SFDR
80
dB
Intermodulation Distortion
IMD
fA = 73kHz, fB = 77kHz
76
dB
Full-Power Bandwidth
FPBW
-3dB point
10
MHz
Full-Linear Bandwidth
FLBW
SINAD > 68dB
300
kHz
CONVERSION RATE
Conversion Time
tCONV
See Note 4
3.3
μs
Track/Hold Acquisition Time
tACQ
625
ns
Aperture Delay
tAD
10
ns
Aperture Jitter
tAJ
< 50
ps
Serial Clock Frequency
tSCLK
0.5
4.8
MHz
Duty Cycle
40
60
%
ANALOG INPUT (AIN)
Input Voltage Range
VIN
0
VREF
V
Input Capacitance
CINA
10
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
2.485
2.50
2.515
V
REF Short-Circuit Current
TA = +25°C
15
mA
REF Output Tempco
TCVREF
30
ppm/°C
Load Regulation
See Note 5; 0 to 0.75mA output load
3
5
mV/mA
Capacitive Bypass at REF
4.7
10
μF
DIGITAL INPUTS (SCLK,
,
)
Input High Voltage
VINH
2.4
V
Input Low Voltage
VINL
0.8
V
Input Hysteresis
VHYST
0.2
V
Input Leakage
IIN
VINL = 0V or VINH = VDD
±1
μA
Input Capacitance
CIND
15
pF
DIGITAL OUTPUT (DOUT)
Output Voltage Low
VOL
ISINK = 5mA
0.4
V
Output Voltage High
VOH
ISOURCE = 0.5mA
VDD - 0.5
V
Three-State Leakage Current
IL
VCS = +3V
±10
μA
Three-State Output Capacitance
COUT
VCS = +3V
15
pF
POWER SUPPLY
Positive Supply Voltage
VDD
See Note 6
2.7
3.6
V
Positive Supply Current
IDD
See Note 7; VDD = +3.6V
0.95
1.25
mA
Shutdown Supply Current
ISH
SCLK = VDD, SH
= GND
0.2
2
μA
Power-Supply Rejection
PSR
VDD = +2.7V to 3.6V, midscale input
±0.5
±2.5
mV


Podobny numer części - TS7003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833 SILABS-TS7003ITD833 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Touchstone Semiconducto...
TS7003ITD833T TOUCHSTONE-TS7003ITD833T Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003ITD833T SILABS-TS7003ITD833T Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
More results

Podobny opis - TS7003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Maxim Integrated Produc...
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com