Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CXP1021Q Arkusz danych(PDF) 26 Page - Sony Corporation

Numer części CXP1021Q
Szczegółowy opis  System Controller for Compact Disc Players
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP1021Q Arkusz danych(HTML) 26 Page - Sony Corporation

Back Button CXP1021Q Datasheet HTML 20Page - Sony Corporation CXP1021Q Datasheet HTML 21Page - Sony Corporation CXP1021Q Datasheet HTML 22Page - Sony Corporation CXP1021Q Datasheet HTML 23Page - Sony Corporation CXP1021Q Datasheet HTML 24Page - Sony Corporation CXP1021Q Datasheet HTML 25Page - Sony Corporation CXP1021Q Datasheet HTML 26Page - Sony Corporation CXP1021Q Datasheet HTML 27Page - Sony Corporation CXP1021Q Datasheet HTML 28Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
– 26 –
CXP1021Q
(2) Serial transfer
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V)
Item
Serial transfer clock (SC)
cycle time
Serial transfer clock (SC)
high-low level width
Serial data input set-up time
(relative to SC)
Serial data input hold time
(relative to SC)
Time delay from SC falling edge
for high data output∗2
Delay time from SC falling edge
for low data output
tKCY
tKH
tKL
tSIK
tKSO
tKSO
SC
SC
SI
SI
SO
SO
Symbol
Pin
Conditions
Input mode
Output mode
Input mode
Output mode∗1
SC input mode
SC output mode
SC input mode
SC output mode
tsys/4 + 1.42
2
tsys
tsys/8 + 0.7
tsys/2 – 0.1
0.1
0.2
tsys/8+0.5
0.1
tsys/8 + 0.5
tsys/8 + 0.5
µs
µs
µs
µs
µs
µs
µs
µs
µs
µs
Min.
Max.
Unit
Note) tsys = 8/fc
1 Three-state output selected for SC pin. As a result there are constraints on tsys, and caution should be
exercised in prescribing an upper limit to the system clock frequency fc.
2 Three-state output selected for SO.
SC
tKL
tKH
tKCY
0.2VDD
0.8VDD
tSIK
tKSI
tKSOB
0.2VDD
0.8VDD
tKSOA
Output data
Input data
0.2VDD
0.8VDD
SI
SOB
Fig. 3. Serial transfer timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
CXP1042Q System Controller for Compact Disc Players 1  2  3  4  5  More Sony Corporation
BA5947FP IC for Compact Disc Players 1  2  Rohm
LC7861KE Digital Signal Processor for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device
BA5929FP Power Driver For Compact Disc Players 1  2  3  4  5  More Rohm
TDA5708 PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1  2  3  4  5  More List of Unclassifed Manufacturers
TDA5709 RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1  2  3  4  5  More NXP Semiconductors
LC7865E Digital Signal Processor for Compact Disc Players 1  2  Sanyo Semicon Device
LC78684E MP3 Decoder for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device
LC7860KA DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1  2  3  4  5  More Sanyo Semicon Device
LC78681E Digital Signal Processor for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn