Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXP1021Q Arkusz danych(PDF) 6 Page - Sony Corporation

Numer części CXP1021Q
Szczegółowy opis  System Controller for Compact Disc Players
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP1021Q Arkusz danych(HTML) 6 Page - Sony Corporation

Back Button CXP1021Q Datasheet HTML 2Page - Sony Corporation CXP1021Q Datasheet HTML 3Page - Sony Corporation CXP1021Q Datasheet HTML 4Page - Sony Corporation CXP1021Q Datasheet HTML 5Page - Sony Corporation CXP1021Q Datasheet HTML 6Page - Sony Corporation CXP1021Q Datasheet HTML 7Page - Sony Corporation CXP1021Q Datasheet HTML 8Page - Sony Corporation CXP1021Q Datasheet HTML 9Page - Sony Corporation CXP1021Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
– 6 –
CXP1021Q
Monitors disc state;
connect to CXD2500BQ GFS (42).
Used to start the CD synchronously with external equipment
(casette deck, ect.). Starts at falling edge (
).
Switch to "L" when tray enters a unit in deck mode, or when lid is
closed in portable mode.
Switch to "L" when tray is open in deck mode, and when there
are no batteries in portable mode.
In deck mode, indicates tray loading motor operation; on "L" detection
immediately after reset, performs portable mode branching.
In deck mode, output to tray loading motor; in portable mode,
output to battery warning display.
Emphasis output signal.
Turns mute on when mute signal is "H".
No connected.
SUB-Q reading clock output
No connected.
SUB-Q code input port.
8-bit data clock output.
8-bit data output.
Inputs focus state;
connect to CXA1372AQ FOK (33).
SENSE input (monitor for different systems)
Key scan input port;
reads the remote control customer code on reset or startup.
RMC customer code scan signal.
Latch output.
Laser diode control; "L": on, "H": off
Key combining switch input.
Performs test mode branching on detection of "L" immediately after
reset.
Pin
No.
Symbol
Funciton
code
I/O
Description
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
PI0/AD0
PI1/AD1
PI2/AD2
PI3/AD3
PB0/AD4
PB1/AD5
PB2/AD6
PB3/AD7
NC
PX0/SC
PX1/SO
PX2/SI
PA0
PA1
PA2
PA3
PF0
PF1
PF2
PF3
PE0
PE1
PE2
PE3
PY0
PY1/PWM
PY2/WP
PY3/EC
GFS
SYNCIN
DISCIN
DISCOUT/
BATT-E
LOAD/
DECK · PT
UNLOAD/
BATT-W
EMPH
MUTG
SQCK
SUBQ
CLK
DATA
FOK
SENSE
KI0
KI1
KI2
KI3
RS0
RS1
RS2
RS3
XLT
LDON
KEYSEL
TESTIN
I
I
I
I
I/O
I/O
O
O
O
O
I
O
O
I
I
I
O
O
O
I
I


Podobny numer części - CXP1021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
More results

Podobny opis - CXP1021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
   MP3 Decoder for Compact Disc Players
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com