Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXP1021Q Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXP1021Q
Szczegółowy opis  System Controller for Compact Disc Players
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP1021Q Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXP1021Q Datasheet HTML 5Page - Sony Corporation CXP1021Q Datasheet HTML 6Page - Sony Corporation CXP1021Q Datasheet HTML 7Page - Sony Corporation CXP1021Q Datasheet HTML 8Page - Sony Corporation CXP1021Q Datasheet HTML 9Page - Sony Corporation CXP1021Q Datasheet HTML 10Page - Sony Corporation CXP1021Q Datasheet HTML 11Page - Sony Corporation CXP1021Q Datasheet HTML 12Page - Sony Corporation CXP1021Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
– 9 –
CXP1021Q
List of Functions
1.
TEST MODE
For adjustment of the CD player.
2.
Deck/Portable select
Switches between deck mode and portable mode. In deck mode the tray
loading function is activated; in portable mode, the battery detection
function is activated.
3.
Remote control input
Accepts signals from a NEC format remote control unit. A 16-bit custom
code can be selected.
4.
Keys to initiate playing can be selected.
5.
Performs tune selection.
6.
Performs fast-forward and rewind. The speed differs during Play and Pause.
7.
Remain
Can display Single Remain, All Remain, Program Remain.
8.
Repeat
For repetition of one or of all tunes.
9.
A
→ B
For performance of A
→ B repeat.
10.
Shuffle
Performed shuffled (random) playing.
11.
AUTO
Inserts 4-second blanks between tunes.
12.
INTRO
Plays the initial 10 seconds of a disc.
13.
PROG
Enables programming of up to 21 tunes.
14.
1 to 10 , +10
Enables direct tune selection using the keypad
(for use with a remote control unit only).
15. Battery input
A function for detection of reduced battery voltage is provided by the Batt-
W and Batt-E pins (portable mode only).
16. Sync rate input
For sync rate input and activation.
17. Double-speed playback
Double-speed playback is possible by attaching an external circuit.
18. Loading function
With the deck mode selected, tray loading is possible.
19. Key combining function
The tune select and fast-forward keys can be combined or kept
independent, and the repeat key and mode key can be selected.
20.
Performs index search (for use with a remote control unit only).
21.
PCH + , PCH – , PCH OFF
Accelerates/decelerates the pitch (playing speed) to vary the internal.
,
,
,
,
,
,


Podobny numer części - CXP1021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
More results

Podobny opis - CXP1021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
   MP3 Decoder for Compact Disc Players
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com