Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXP1021Q Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXP1021Q
Szczegółowy opis  System Controller for Compact Disc Players
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP1021Q Arkusz danych(HTML) 1 Page - Sony Corporation

  CXP1021Q Datasheet HTML 1Page - Sony Corporation CXP1021Q Datasheet HTML 2Page - Sony Corporation CXP1021Q Datasheet HTML 3Page - Sony Corporation CXP1021Q Datasheet HTML 4Page - Sony Corporation CXP1021Q Datasheet HTML 5Page - Sony Corporation CXP1021Q Datasheet HTML 6Page - Sony Corporation CXP1021Q Datasheet HTML 7Page - Sony Corporation CXP1021Q Datasheet HTML 8Page - Sony Corporation CXP1021Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Description
The CXP1021Q is a 4-bit single chip microcomputer
based on the
SPC500
series.
It
incorporates
programs in firmware for CD operations. It can be
connected directly to the CDL-40 series of LSIs for
CD players, and can directly drive LCDs, in addition
to other features. It also supports the pitch control
function and can be employed in a wide range of
equipment, from deck-type CD players to radio
cassettes and portable systems.
Functions
• Key inputs of up to 20 keys is possible through matrix scanning. The following functions can be selected by
setting their respective keys.
PLAY/PAUSE/PLAY PAUSE keys
STOP key
SKIP key; on memory input, this becomes the tune selection key
Fast forward key; speed differs during PLAY and PAUSE
• Repeat
One tune or all tunes repeat
• OPEN/CLOSE
Loading function (when deck type device is selected)
•A
→ BA ←
→ B repeat function
• SHUFFLE
Shuffle (random) function
• PROG
Program; up to 21 tune memory, can indicate remainder
• REMAIN
Indicates single tune or all tunes remaining, up to 31 tunes
• INTRO
Fixes introscan at 10 seconds
• AUTO
Sets auto space at 4 seconds
• MUSIC calendar
Can display up to 20 tunes
• REMOTE
Enables input using NEC format remote control devices with modifiable custom codes
• 10key
Direct tune selection using keypad (remote control only)
• Syncro
Synchronization input and processing
× 2
Double speed playback
• Battery detection
When portable mode selected, there is battery detection function
• Built-in test mode
Built-in test mode facilitates CD player auto diagnostics
• INDEX
Index search (remote control only)
• Pitch +, pitch –, pitch OFF Pitch control key for playback with varying speed
• External control output
Used for on/off of the voice canceller
Recommended Combinations
• RF amplifier
CXA1571M/N/S
• Servo signal processor
CXA1372AQ/AS
• Digital signal processor
CXD2500BQ
• Pickup mechanism
KSL 2101
Structure
Silicon gate CMOS IC
– 1 –
CXP1021Q
E94811-ST
System Controller for Compact Disc Players
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
80 pin QFP (Plastic)
,
,
,
,
For the availability of this product, please contact the sales office.


Podobny numer części - CXP1021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
More results

Podobny opis - CXP1021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
   MP3 Decoder for Compact Disc Players
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com