Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CXP1042Q Arkusz danych(PDF) 5 Page - Sony Corporation

Numer części CXP1042Q
Szczegółowy opis  System Controller for Compact Disc Players
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP1042Q Arkusz danych(HTML) 5 Page - Sony Corporation

  CXP1042Q Datasheet HTML 1Page - Sony Corporation CXP1042Q Datasheet HTML 2Page - Sony Corporation CXP1042Q Datasheet HTML 3Page - Sony Corporation CXP1042Q Datasheet HTML 4Page - Sony Corporation CXP1042Q Datasheet HTML 5Page - Sony Corporation CXP1042Q Datasheet HTML 6Page - Sony Corporation CXP1042Q Datasheet HTML 7Page - Sony Corporation CXP1042Q Datasheet HTML 8Page - Sony Corporation CXP1042Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
– 5 –
CXP1042Q
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
PB0
PB1
PB2
PB3
PA0
PA1
PA2
PA3
Vss
N.C.
PE3
PE2
PE1
PE0
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
MUTG
MUT2
UNLOAD/
Batt-W
LOAD/
DECK-PT
KS0
KS1
KS2
KS3
Vss
NC
RS3
RS2
RS1
RS0
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
O
O
I/O
I/O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Turns mute on when mute signal is "H";
turned on when unit is opened or stopped
Turns mute on when "L", turned on when unit is opened, stopped,
paused or accessed.
In deck mode, output to tray loading motor; in portable mode,
output to battery warning display
In deck mode, indicates tray loading motor operation; on "L"
detection immediately after reset, performs portable mode branching
Key scan output signal
Connect to GND
Do not connect to anything
RMC customer code scan signal
Unused (do not connect to anything)
Connect to LCD (refer to LCD example)
Pin
No.
Symbol Function code
I/O
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
CXP1021Q System Controller for Compact Disc Players 1  2  3  4  5  More Sony Corporation
BA5947FP IC for Compact Disc Players 1  2  Rohm
LC7861KE Digital Signal Processor for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device
BA5929FP Power Driver For Compact Disc Players 1  2  3  4  5  More Rohm
TDA5708 PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1  2  3  4  5  More List of Unclassifed Manufacturers
TDA5709 RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1  2  3  4  5  More NXP Semiconductors
LC7865E Digital Signal Processor for Compact Disc Players 1  2  Sanyo Semicon Device
LC78684E MP3 Decoder for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device
LC7860KA DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1  2  3  4  5  More Sanyo Semicon Device
LC78681E Digital Signal Processor for Compact Disc Players 1  2  3  4  5  More Sanyo Semicon Device

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn