Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-TDR006V1 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STEVAL-TDR006V1
Szczegółowy opis  2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR006V1 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-TDR006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STEVAL-TDR006V1
Typical performances
Doc ID 15623 Rev 1
7/18
Designator
Value
Quantity
Manufacturer
Part code
Size
R7
11Ohm
1
Tyco/Electronics
Neohn
CRG Series Thick Film
Chip
603
RF In, RF Out, RF Out
PA
SMA
3
Johnson
SMA
SUB
1
FR-4
H = 20mil
h = 1 oz
Table 4.
Parts list (continued)


Podobny numer części - STEVAL-TDR006V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR003V1 STMICROELECTRONICS-STEVAL-TDR003V1 Datasheet
414Kb / 20P
   2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
   RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
   3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
More results

Podobny opis - STEVAL-TDR006V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR003V1 STMICROELECTRONICS-STEVAL-TDR003V1 Datasheet
414Kb / 20P
   2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
AB-54008L-175 STMICROELECTRONICS-AB-54008L-175 Datasheet
665Kb / 20P
   2 stages RF power amp: PD84001-E PD54008L-E LPF N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
STMicroelectronics
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
STMicroelectronics
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
   RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com