Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA12411 Arkusz danych(PDF) 4 Page - Cree, Inc

Numer części CA12411
Szczegółowy opis  Strada-SQ series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CA12411 Arkusz danych(HTML) 4 Page - Cree, Inc

  CA12411 Datasheet HTML 1Page - Cree, Inc CA12411 Datasheet HTML 2Page - Cree, Inc CA12411 Datasheet HTML 3Page - Cree, Inc CA12411 Datasheet HTML 4Page - Cree, Inc CA12411 Datasheet HTML 5Page - Cree, Inc CA12411 Datasheet HTML 6Page - Cree, Inc CA12411 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
D
3
2
4
1
DESIGNED BY
-
DATE
-
CHECKED BY
vs
DATE
-
DRAWN BY
as
DATE
25.9.2012
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT
4,97 g
SHEET
1/1
SIZE
A4
PART NUMBER
REV
001
DRAWING TITLE
STRADA-SQ-A-T
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Tolerances
if not otherwise shown:
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class F, otherwise class M.
According to DIN ISO 2768-2
Form and position:
class K
Control for SPC marked dimensions.
Mechanical drawing
Isometric view
Front view
Bottom view
25
Top view


Podobny numer części - CA12411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA12411 LEDIL-CA12411 Datasheet
1Mb / 7P
   Short IESNA Type II beam for narrow roads or high poles with extremely low glare
More results

Podobny opis - CA12411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
CA13509_STRADA-SQ-T2 LUMILEDS-CA13509_STRADA-SQ-T2 Datasheet
1Mb / 19P
   PRODUCT DATASHEET Strada-SQ series
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com