Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1302KUA Arkusz danych(PDF) 1 Page - SEC Electronics Inc.

Numer części SS1302KUA
Szczegółowy opis  Linear Hall Effect Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECELECTRONICS [SEC Electronics Inc.]
Strona internetowa  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1302KUA Arkusz danych(HTML) 1 Page - SEC Electronics Inc.

  SS1302KUA Datasheet HTML 1Page - SEC Electronics Inc. SS1302KUA Datasheet HTML 2Page - SEC Electronics Inc. SS1302KUA Datasheet HTML 3Page - SEC Electronics Inc. SS1302KUA Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS1302
Linear Hall Effect Sensor
Features
Miniature construction
Low-Noise Output
4.5 V to 6 V Operation
Magnetically Optimized Package
Linear output for circuit design flexibility
Temperature range of -40 °C to 85 °C
3 pin SIP (suffix UA)
Description
SS1302 Linear Hall-effect sensor is small, versatile
linear Hall-effect device that is operated by the magnetic
field from a permanent magnet or an electromagnet. The
linear sourcing output voltage is set by the supply
voltage and varies in proportion to the strength of the
magnetic field.
The integrated circuitry features low
noise output, which makes it unnecessary to use external
filtering. It also includes thin film resistors to provide
increased temperature stability and accuracy. The linear
Hall sensor has an operating temperature range of -40
°C to 85 °C appropriate for commercial, consumer and
industrial environments.
Typical Applications
Motor control
Magnetic code reading
Ferrous metal detector
Current sensing
Position sensing
Functional Block Diagram
1
REG
1 Vcc
3 Vout
3
2 GND
2
V2.00
May 1, 2012
1


Podobny numer części - SS1302KUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEC Electronics Inc.
SS1302KUA SECELECTRONICS-SS1302KUA Datasheet
141Kb / 4P
   Linear Hall Effect Sensor
SS1302KUA SECELECTRONICS-SS1302KUA Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
More results

Podobny opis - SS1302KUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
   Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
   Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com