Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74270025 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74270025
Szczegółowy opis  WE-SAFB Small Size EMI Suppression Ferrite Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74270025 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74270025 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270025 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270025 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74270025 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0
4.0
REV
2012-09-27
2011-03-30
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SAFB Small Size EMI Suppression
Ferrite Bead
Order.- No.
74270025
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Test conditions
25 MHz
100 MHz
Z
Z
Value
82
136
Unit
Ω
Ω
Tol.
±25%
±25%
E General information:
Storage Temperature (before assembly): -20°C to +60°C
Operating Temperature: -25°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 74270025

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7427002 WURTH-7427002 Datasheet
386Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270020 WURTH-74270020 Datasheet
386Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270021 WURTH-74270021 Datasheet
384Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270022 WURTH-74270022 Datasheet
374Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
742700221 WURTH-742700221 Datasheet
411Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
More results

Podobny opis - 74270025

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7427002 WURTH-7427002 Datasheet
386Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
742700727 WURTH-742700727 Datasheet
382Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270012 WURTH-74270012 Datasheet
366Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270010 WURTH-74270010 Datasheet
381Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270014 WURTH-74270014 Datasheet
368Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
742700713 WURTH-742700713 Datasheet
395Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270073 WURTH-74270073 Datasheet
399Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270021 WURTH-74270021 Datasheet
384Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270071 WURTH-74270071 Datasheet
396Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270001 WURTH-74270001 Datasheet
376Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
74270024 WURTH-74270024 Datasheet
377Kb / 4P
   WE-SAFB Small Size EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com