Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA22A Arkusz danych(PDF) 5 Page - Littelfuse

Numer części SA22A
Szczegółowy opis  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA22A Arkusz danych(HTML) 5 Page - Littelfuse

  SA22A Datasheet HTML 1Page - Littelfuse SA22A Datasheet HTML 2Page - Littelfuse SA22A Datasheet HTML 3Page - Littelfuse SA22A Datasheet HTML 4Page - Littelfuse SA22A Datasheet HTML 5Page - Littelfuse SA22A Datasheet HTML 6Page - Littelfuse SA22A Datasheet HTML 7Page - Littelfuse SA22A Datasheet HTML 8Page - Littelfuse SA22A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
1
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
Overvoltage Suppression Facts................ 2
Transient Voltage Scenarios...................... 3
TVS DiodeTerms & Definitions................. 4
TVS Diode Selection Checklist.................. 4
TVS Diode Series
Data Sheet Start Page..................................
TABLE OF CONTENTS
TVS Diode Products
Type
Surface Mount - Standard Applications (400-5000W)
Series
SMAJ
P4SMA
SACB
SMBJ
P6SMB
1KSMB
SMCJ
1.5SMC
SMDJ
5.0SMDJ
Page #
713
19
23
29
35
41
45
51
57
Photo
Operating
Temperature
-85° to +302° F
(-65° to +150° C)
PackageType
DO-214AC DO-214AC DO-214AA DO-214AA DO-214AA DO-214AA DO-214AB DO-214AB DO-214AB DO-214AB
Reverse Standoff
Voltage (V
R)
5.0-440
5.8-495
5.0-50
5.0-440
5.8-495
5.8-136
5.0-440
5.8-495
5.0-170
12-170
uni-directional
12-45
bi-directional
Peak Pulse Power
Range(P
PP)
400W
400W
500W
600W
600W
1000W
1500W
1500W
3000W
5000W
Peak Pulse Current
(I
PP 8x20μs)
Not Applicable
Maximum Clamping
Voltage (V
C)
Refer to electrical characteristics table within each series data sheet
RoHS
Compliant
Yes
Pb Lead-Free
Yes
Type
Axial Leaded - Standard Applications (400-5000W)
Axial Leaded - High Power
Auto
Series
P4KE
SA
SAC
P6KE
1.5KE
LCE
3KP
5KP
15KPA
20KPA
30KPA
AK6
AK10
SLD
Page #
63
69
75
79
85
91
97
103
109
115
121
127
131
135
Photo
Operating
Temperature
-85° to +302° F
(-65° to +150° C)
-67° to +347° F
(-55° to +175° C)
-85° to +302° F
(-65° to +150° C)
PackageType
DO-41
DO-15
DO-15
DO-15
DO-201
DO-201
P600
P600
P600
P600
P600
Radial
Lead
Radial
Lead
P600
Reverse Standoff
Voltage (V
R)
5.8-495 5.0-180
5.0-50
5.8-512
5.8-495
6.5-90
5.0-220
5.0-250
17-280
20.0-300 28.0-288
58-430
58-430
10-24
Peak Pulse Power
Range(P
PP)
400W
500W
500W
600W
1500W 1500W
3000W
5000W 15000W 20000W 30000W
NA
NA
2200 based on
1μs/150ms pulse
Peak Pulse Current
(I
PP 8x20μs)
Not Applicable
6000A
10000A
NA
Maximum Clamping
Voltage (V
C)
Refer to electrical characteristics table within each series data sheet
RoHS
Compliant
Yes
Pb Lead-Free
Yes
based on 10/1000μs pulse unless stated otherwise


Podobny numer części - SA22A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
SA22A MOTOROLA-SA22A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA22A LEIDITECH-SA22A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Micro Commercial Compon...
SA22A MCC-SA22A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA22A LITTELFUSE-SA22A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA22A SOCAY-SA22A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Podobny opis - SA22A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com