Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G08 Arkusz danych(PDF) 7 Page - Diodes Incorporated

Numer części 74AUP1G08
Szczegółowy opis  SINGLE 2 INPUT POSITIVE AND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G08 Arkusz danych(HTML) 7 Page - Diodes Incorporated

Back Button 74AUP1G08 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G08 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74AUP1G08
Document number: DS35150 Rev. 1 - 2
7 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G08
Operating and Package Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC
Typ
Unit
Cpd
Power Dissipation Capacitance
f = 1MHz
No Load
0.8V
6.7
pF
1.2V ± 0.1V
6.6
1.5V ± 0.1V
6.5
1.8V ± 0.15V
6.5
2.5V ± 0.2V
6.4
3.3V ± 0.3V
6.3
Ci
Input Capacitance
Vi = VCC or GND
0V or 3.3V
1.5
pF
θJA
Thermal Resistance Junction-to-
Ambient
SOT353
(Note 6)
371
°C/W
X2-DFN1410-6
430
X2-DFN1010-6
445
θJC
Thermal Resistance Junction-to-
Case
SOT353
(Note 6
143
°C/W
X2-DFN1410-6
190
X2-DFN1010-6
250
Notes:
6. Test condition for SOT353, X2-DFN1410-6, and X2-DFN1010-6 devices mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.
Parameter Measurement Information
RL
C L
(see Note A)
From Output
Under Test
=1M
Vcc
Inputs
VM
CL
VI
tr/tf
0.8V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.2V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.5V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.8V ± 0.15V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
2.5V ± 0.2V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
3.3V ± 0.3V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Podobny numer części - 74AUP1G08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G08 PHILIPS-74AUP1G08 Datasheet
84Kb / 17P
   Low-power 2-input AND gate
Rev. 02-29 June 2006
logo
Nexperia B.V. All right...
74AUP1G08 NEXPERIA-74AUP1G08 Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
More results

Podobny opis - 74AUP1G08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com