Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-6160PN Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADAM-6160PN
Szczegółowy opis  16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6160PN Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6160PN Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
ADAM-6150
ADAM-6151/6156
ADAM-6160
Specifications
Digital Input
ƒ
Channels
ADAM-6150: 8
ADAM-6151: 16
ƒ
Dry Contact
Logic level 0: close to GND
Logic level 1: open
ƒ
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
ƒ
Input Impedance
10 k
W
ƒ
Transition Time
From logic level 0 to 1: 0.2 ms
From logic level 1 to 0: 0.2 ms
Digital Output
ƒ
Channels
ADAM-6150: 7
ADAM-6156: 16
ƒ
Output Voltage Range 8 ~ 35 VDC
ƒ
Normal Output Current 100 mA (per channel)
Ordering Information
ƒ
ADAM-6150EI
15-ch Isolated DI/O EtherNet/IP Module
ƒ
ADAM-6151EI
16-ch Isolated DI EtherNet/IP Module
ƒ
ADAM-6156EI
16-ch Isolated DO EtherNet/IP Module
ƒ
ADAM-6150PN
15-ch Isolated DI/O PROFINET Module
ƒ
ADAM-6151PN
16-ch Isolated DI PROFINET Module
ƒ
ADAM-6156PN
16-ch Isolated DO PROFINET Module
ADAM-6150/6151/6156
15-ch Isolated Digital I/O Real-time Ethernet
Module
16-ch Isolated Digital Input/ Digital Output
Real-time Ethernet Module
6-ch Relay Real-time Ethernet Module
Specifications
Relay Output
ƒ
Channels
6 Form C
Switching Capacity and Lifetime of the Contact (For Resistive Load)
ƒ
VDE
30,000 operations (5 A @ 250 VAC, 10 operations/
minute at 85° C)
70,000 operations (5 A @ 30 VDC, 10 operations/
minute at 85° C)
ƒ
UL
60,000 operations (5 A @ 250 VAC)
100,000 operations (5 A @ 30 VDC)
ƒ
Mechanism
20,000,000 operations (no load, 300 operations/min)
ƒ
Breakdown Voltage
500 VAC (50/60 Hz)
ƒ
Contact Resistance
30 m
W (maximum)
ƒ
Insulation Resistance 1 G
W (minimum) at 500 VDC
Ordering Information
ƒ
ADAM-6160EI
6-ch Relay EtherNet/IP Module
ƒ
ADAM-6160PN
6-ch Relay PROFINET Module
ADAM-6160
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Common Specifications
General
ƒ
LAN
10/100Base-T(X)
ƒ
Power Consumption
ADAM-6150: 2.4 W @ 24 VDC
ADAM-6151: 2.4 W @ 24 VDC
ADAM-6156: 2.7 W @ 24 VDC
ADAM-6160: 3.5 W @ 24 VDC
ƒ
Connectors
2 x RJ-45 LAN, (Daisy Chain)
Plug-in screw terminal block (I/O and power)
ƒ
Watchdog
System (1.6 second) and Communication (programmable)
ƒ
Power Input
10 ~ 30 VDC
Protection
ƒ
Over Voltage Protection ±35 VDC
ƒ
Isolation Protection
2,500 VDC
ƒ
Power Reversal Protection
Environment
ƒ
Operating Temperature -10 ~ 70° C (14 ~ 158° F)
ƒ
Storage Temperature
-20 ~ 80° C (-4 ~ 176° F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
0 ~ 95% RH (non-condensing)
NEW
NEW


Podobny numer części - ADAM-6160PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6160PN ADVANTECH-ADAM-6160PN Datasheet
365Kb / 1P
   16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
More results

Podobny opis - ADAM-6160PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6151 ADVANTECH-ADAM-6151 Datasheet
365Kb / 1P
   16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150_V01 Datasheet
277Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
365Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150_15 Datasheet
248Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6117 ADVANTECH-ADAM-6117_14 Datasheet
252Kb / 1P
   8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
   8-ch Isolated Analog Input Real-time Ethernet Module
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
   16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com