Zakładka z wyszukiwarką danych komponentów |
|
ISL26104 Arkusz danych(PDF) 4 Page - Intersil Corporation |
|
ISL26104 Arkusz danych(HTML) 4 Page - Intersil Corporation |
4 / 21 page ISL26102, ISL26104 4 FN7608.0 October 12, 2012 Absolute Maximum Ratings Thermal Information AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V Analog In to AGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to AVDD+0.3V Digital In to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to DVDD+0.3V ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . . . . . . . . .7.5kV Machine Model (Per JESD22-A115). . . . . . . . . . . . . . . . . . . . . . . . . . 450V Charged Device Model (Per JESD22-C101) . . . . . . . . . . . . . . . . . . . . . . 2000V Input Current Momentary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Latch-up (Per JEDEC, JESD-78C; Class 2, Level A). . . .100mA @ +25°C and +105°C Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 24 Ld TSSOP Package (Notes 4, 5) . . . . . . 65 18 28 Ld TSSOP Package (Notes 4, 5) . . . . . . 63 18 Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V to +5.25V DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to +5.25V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications VREF+ = 5.0V, VREF- = 0V, AVDD = 5V, DVDD = 5V XTALIN/CLOCK = 4.9152MHz (Note 6) TA = -40°C to +105°C, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +105°C. SYMBOL PARAMETER TEST LEVEL OR NOTES MIN (Note 7) TYP MAX (Note 7) UNITS ANALOG INPUTS VIN Differential Input Voltage Range ±0.5VREF/ Gain V Input Voltage Range: Common Mode + Signal Gain = 1 AGND + 0.1 AVDD - 0.1 V Gain = 2, 4, 8, 16, 32, 64, 128 AGND + 1.5 AVDD - 1.5 V Input Bias Current; AIN+, AIN- Gain = 1 300 nA Gain = 2, 4, 8, 16, 32, 64, 128 3 nA Input Offset Current; AIN+, AIN- Gain = 1 ±20 nA Gain = 2, 4, 8, 16, 32, 64, 128 ±1 nA SYSTEM PERFORMANCE Resolution No Missing Codes 24 Bits INL Integral Nonlinearity Gain = 1 ±0.0002 ±0.001 % FSR Gain = 2 to 128 ±0.0004 % FSR Offset Gain = 1 ±0.4 ppm of FS Offset Drift Gain = 1 ±300 nV/°C Gain = 2 to 128 ±300/Gain ± 10 nV/°C Full Scale Error Gain = 1 ±0.007 % Gain = 2 to 128 ±0.02 % Full Scale Drift Gain = 1 ±0.1 ppm/°C Gain = 64 ±3.5 ppm/°C Gain = 128 ±3.5 ppm/°C CMRR Common Mode Rejection Ratio Gain of 1 85 110 dB Gain of 128 130 dB PSRR Power Supply Rejection Ratio Gain of 1 100 dB Gain of 128 100 125 dB OWR Output Word Rate (Note 8) 2.5 4000 SPS |
Podobny numer części - ISL26104 |
|
Podobny opis - ISL26104 |