Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN224ACGFX Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FIN224ACGFX
Szczegółowy opis  22-Bit Bi-Directional Serializer/Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224ACGFX Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FIN224ACGFX Datasheet HTML 1Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224AC Rev.1.1.6
3
Terminal Description
Note:
1. The DSO/DSI serial port pins have been arranged such that if one device is rotated 180 degrees with respect to the
other device, the serial connections properly align without the need for any traces or cable signals to cross. Other
layout orientation may require that traces or cables cross.
Terminal
Name
I/O Type
Number of
Terminals
Description of Signals
DP[1:20]
I/O
20
LVCMOS parallel I/O, Direction controlled by DIRI pin
DP[21:22]
I
2
LVCMOS parallel unidirectional inputs
DP[23:24]
O
2
LVCMOS unidirectional parallel outputs
CKREF
IN
1
LVCMOS clock input and PLL reference
STROBE
IN
1
LVCMOS strobe signal for latching data into the serializer
CKP
OUT
1
LVCMOS word clock output
DSO+ / DSI-
DSO- / DSI+
DIFF-I/O
2
CTL differential serial I/O data signals(1.)
DSO: Refers to output signal pair
DSI: Refers to input signal pair
DSO(I)+: Positive signal of DSO(I) pair
DSO(I)-: Negative signal of DSO(I) pair
CKSI+
CKSI-
DIFF-IN
2
CTL differential deserializer input bit clock
CKSI: Refers to signal pair
CKSI+: Positive signal of CKSI pair
CKSI-: Negative signal of CKSI pair
CKSO+
CKSO-
DIFF-OUT
2
CTL differential serializer output bit clock
CKSO: Refers to signal pair
CKSO+: Positive signal of CKSO pair
CKSO-: Negative signal of CKSO pair
S1
IN
1
LVCMOS mode selection terminals used to select frequency range for
the reflect, CKREF
S2
IN
1
DIRI
IN
1
LVCMOS control input used to control direction of data flow:
DIRI = “1” Serializer
DIRI = “0” Deserializer
DIRO
OUT
1
LVCMOS control output inversion of DIRI
VDDP
Supply
1
Power supply for parallel I/O and translation circuitry
VDDS
Supply
1
Power supply for core and serial I/O
VDDA
Supply
1
Power supply for analog PLL circuitry
GND
Supply
2
For ground signals (2 for BGA, 1 for MLP)


Podobny numer części - FIN224ACGFX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Podobny opis - FIN224ACGFX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com