Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN3386MTDX Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FIN3386MTDX
Szczegółowy opis  Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3386MTDX Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN3386MTDX Datasheet HTML 2Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN3385 / FIN3386 • Rev. 1.0.6
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply Voltage
-0.3
+4.6
V
VID_TTL
TTL/CMOS Input/Output Voltage
-0.5
+4.6
V
VIO_LVDS LVDS Input/Output Voltage
-0.3
+4.6
V
IOSD
LVDS Output Short-Circuit Current
Continuous
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature, Soldering, 4 Seconds
+260
°C
ESD
Human Body Model, JESD22-A114 (1.5k
,100pF)
I/O to GND
>10.0
kV
All Pins
>6.5
Machine Model, JESD22-A115 (0
, 200pF)
>400
V
Note:
6.
Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life
impaired. The datasheet specifications should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading variables.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
TA
Operating Temperature
-40
+85
°C
VCCNPP
Maximum Supply Noise Voltage
(7)
100
mVPP
Note:
7.
100mV VCC noise should be tested for frequency at least up to 2MHz. All the specifications should be met under
such noise.


Podobny numer części - FIN3386MTDX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN3386MTDX ONSEMI-FIN3386MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Podobny opis - FIN3386MTDX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3384 FAIRCHILD-FIN3384 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
Texas Instruments
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com