Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA393A Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części KA393A
Szczegółowy opis  Dual Differential Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA393A Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  KA393A_11 Datasheet HTML 1Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 2Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 3Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 4Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 5Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 6Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
5
Physical Dimensions
Figure 10.8-Lead, Small-Outline Integrated Circuit (SOIC), JEDEC MS-012, .150" Narrow Body
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AA, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD: SOIC127P600X175-8M.
E) DRAWING FILENAME: M08AREV13
LAND PATTERN RECOMMENDATION
SEATING PLANE
C
GAGE PLANE
x 45°
DETAIL A
SCALE: 2:1
PIN ONE
INDICATOR
4
8
1
B
5
A
5.60
0.65
1.75
1.27
6.20
5.80
3.81
4.00
3.80
5.00
4.80
(0.33)
1.27
0.51
0.33
0.25
0.10
1.75 MAX
0.25
0.19
0.36
0.50
0.25
R0.10
R0.10
0.90
0.40
(1.04)
OPTION A - BEVEL EDGE
OPTION B - NO BEVEL EDGE
0.25
CB A
0.10 C


Podobny numer części - KA393A_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA393AD FAIRCHILD-KA393AD Datasheet
84Kb / 10P
   Dual Differential Comparator
KA393ADTF FAIRCHILD-KA393ADTF Datasheet
635Kb / 7P
   Dual Differential Comparator
logo
ON Semiconductor
KA393ADTF ONSEMI-KA393ADTF Datasheet
631Kb / 9P
   Dual Differential Comparator
June 2011 Rev. 1.0.3
More results

Podobny opis - KA393A_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com