Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3216TMX Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN3216TMX
Szczegółowy opis  Dual-2A, High-Speed, Low-Side Gate Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3216TMX Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN3216TMX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3216TMX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3216 / FAN3217_F085 • Rev. 1.0.0
3
Pin Configurations
FAN3216
FAN3217
Figure 3. Pin Configurations (Repeated)
Pin Definitions
Pin
Name
Pin Description
1
NC
No Connect.
This pin can be grounded or left floating.
2
INA
Input to Channel A
.
2
INA
Input to Channel A
.
3
GND
Ground
. Common ground reference for input and output circuits.
4
INB
Input to Channel B
.
4
INB
Input to Channel B
.
5
(FAN3216)
OUTB
Gate Drive Output B
(inverted from the input): Held LOW unless required input is
present and VDD is above UVLO threshold.
5
(FAN3217)
OUTB
Gate Drive Output B
: Held LOW unless required input(s) are present and VDD is above
UVLO threshold.
6
VDD
Supply Voltage
. Provides power to the IC.
7
(FAN3216)
OUTA
Gate Drive Output A
(inverted from the input): Held LOW unless required input is
present and VDD is above UVLO threshold.
7
(FAN3217)
OUTA
Gate Drive Output A
: Held LOW unless required input(s) are present and VDD is above
UVLO threshold.
8
NC
No Connect.
This pin can be grounded or left floating.
Output Logic
FAN3216 (x=A or B)
FAN3217 (x=A or B)
INx
OUTx
INx
OUTx
0
1
0
(7)
0
1
(7)
0
1
1
Note:
7.
Default input signal if no external connection is made.


Podobny numer części - FAN3216TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3216TMX FAIRCHILD-FAN3216TMX Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3216TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com