Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3224TMX Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN3224TMX
Szczegółowy opis  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3224TMX Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN3224TMX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3224TMX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225_F085 • Rev. 1.0.0
3
FAN3223
FAN3224
FAN3225
Figure 3. Pin Assignments (Repeated)
Pin Definitions
Name
Pin Description
ENA
Enable Input for Channel A. Pull pin LOW to inhibit driver A. ENA has TTL thresholds for both TTL and
CMOS INx threshold.
ENB
Enable Input for Channel B. Pull pin LOW to inhibit driver B. ENB has TTL thresholds for both TTL and
CMOS INx threshold.
GND
Ground. Common ground reference for input and output circuits.
INA
Input to Channel A.
INA+
Non-Inverting Input to Channel A. Connect to VDD to enable output.
INA-
Inverting Input to Channel A. Connect to GND to enable output.
INB
Input to Channel B.
INB+
Non-Inverting Input to Channel B. Connect to VDD to enable output.
INB-
Inverting Input to Channel B. Connect to GND to enable output.
OUTA
Gate Drive Output A: Held LOW unless required input(s) are present and VDD is above UVLO threshold.
OUTB
Gate Drive Output B: Held LOW unless required input(s) are present and VDD is above UVLO threshold.
OUTA
Gate Drive Output A (inverted from the input): Held LOW unless required input is present and VDD is
above UVLO threshold.
OUTB
Gate Drive Output B (inverted from the input): Held LOW unless required input is present and VDD is
above UVLO threshold.
VDD
Supply Voltage. Provides power to the IC.
Output Logic
FAN3223 (x=A or B)
FAN3224 (x=A or B)
FAN3225 (x=A or B)
ENx
INx
OUTx
ENx
INx
OUTx
INx+
INx−
OUTx
0
0
0
0
0
(7)
0
0
(7)
0
0
0
1
(7)
0
0
1
0
0
(7)
1
(7)
0
1
(7)
0
1
1
(7)
0
(7)
0
1
0
1
1
(7)
1
(7)
0
1
(7)
1
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


Podobny numer części - FAN3224TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3224TMX-F085 ONSEMI-FAN3224TMX-F085 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

Podobny opis - FAN3224TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com