Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3225TMX Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN3225TMX
Szczegółowy opis  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3225TMX Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3225TMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225_F085 • Rev. 1.0.0
8
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and negative
out of the device.
Symbol
Parameter
Conditions
Min. Typ.
Max.
Unit
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(10)
OUT at VDD/2,
CLOAD=0.22µF, f=1kHz
4.3
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(10)
OUT at VDD/2,
CLOAD=0.22µF, f=1kHz
-2.8
A
IPK_SINK
OUT Current, Peak, Sinking
(10)
CLOAD=0.22µF, f=1kHz
5
A
IPK_SOURCE OUT Current, Peak, Sourcing
(10)
CLOAD=0.22µF, f=1kHz
-5
A
VOH
High Level Output Voltage
VOH = VDD
VOUT, IOUT = –1mA
15
35
mV
VOL
Low Level Output Voltage
IOUT = 1mA
10
25
mV
tRISE
Output Rise Time
(11)
CLOAD=2200pF
12
20
ns
tFALL
Output Fall Time
(11)
CLOAD=2200pF
9
17
ns
tD1, tD2
Output Propagation Delay, CMOS
Inputs
(12)
0 - 12VIN, 1V/ns Slew Rate
9
18
34
ns
tD1, tD2
Output Propagation Delay, TTL Inputs
(12)
0 - 5VIN, 1V/ns Slew Rate
9
17
29
ns
TDEL.MATCH Propagation Matching Between Channels
INA=INB, OUTA and OUTB
at 50% point
2
4
ns
IRVS
Output Reverse Current Withstand
(10)
500
mA
Notes:
8.
Lower supply current due to inactive TTL circuitry.
9.
EN inputs have TTL thresholds; refer to the ENABLE section
10. Not tested in production.
11. See Timing Diagrams of Figure 9 and Figure 10.
12. See Timing Diagrams of Figure 7 and Figure 8.


Podobny numer części - FAN3225TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3225TMX-F085 ONSEMI-FAN3225TMX-F085 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

Podobny opis - FAN3225TMX_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com